Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZN4W-R2S Datasheet(PDF) 2 Page - Autonics Corporation

Part # TZN4W-R2S
Description  Dual PID auto tuning control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

TZN4W-R2S Datasheet(HTML) 2 Page - Autonics Corporation

  TZN4W-R2S Datasheet HTML 1Page - Autonics Corporation TZN4W-R2S Datasheet HTML 2Page - Autonics Corporation TZN4W-R2S Datasheet HTML 3Page - Autonics Corporation TZN4W-R2S Datasheet HTML 4Page - Autonics Corporation TZN4W-R2S Datasheet HTML 5Page - Autonics Corporation TZN4W-R2S Datasheet HTML 6Page - Autonics Corporation TZN4W-R2S Datasheet HTML 7Page - Autonics Corporation TZN4W-R2S Datasheet HTML 8Page - Autonics Corporation TZN4W-R2S Datasheet HTML 9Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
H-73
(A)
Photo
electric
sensor
(B)
Fiber
optic
sensor
(C)
Door/Area
sensor
(D)
Proximity
sensor
(E)
Pressure
sensor
(F)
Rotary
encoder
(G)
Connector/
Socket
(H)
Temp.
controller
(I)
SSR/
Power
controller
(J)
Counter
(K)
Timer
(L)
Panel
meter
(M)
Tacho/
Speed/ Pulse
meter
(N)
Display
unit
(O)
Sensor
controller
(P)
Switching
mode power
supply
(Q)
Stepper
motor&
Driver&Controller
(R)
Graphic/
Logic
panel
(S)
Field
network
device
(T)
Software
(U)
Other
Dual PID Auto Tuning Control
※1. AC/DC power type is only for TZ4SP, TZ4ST, TZN4M, TZ4L Series.
※Environment resistance is rated at no freezing or condensation.
Specifications
Series
TZ4SP
TZN4S
TZ4ST
TZ4M
TZN4M
TZ4W
TZN4W
TZ4H
TZN4H
TZ4L
TZN4L
Power
supply
AC Power
100-240VAC 50/60Hz
AC/DC Power
※1 24VAC 50/60Hz / 24-48VDC
Allowable voltage range
90 to 110% of rated voltage
Power con-
sumption
AC Power
Max.
5VA(100-240VAC 50/60Hz)
Max.
6VA(100-240VAC 50/60Hz)
AC/DC Power
※1 Max. 8VA(24VAC 50/60Hz), Max. 7W(24-48VDC)
Display accuracy
7 Segment (PV: red, SV: green) LED method
Character size(W×H)
TZ4SP:
4.8×7.8mm
TZN4S:
PV:7.8×11.0mm
SV:5.8×8.0mm
4.8×7.8mm
TZ4M:
PV:9.8×14.2mm
SV:8.0×10.0mm
TZN4M:
PV:8.0×13.0mm
SV:5.0×9.0mm
8.0×10.0mm
TZ4H:
3.8×7.6mm
TZN4H:
PV:7.8×11.0mm
SV:5.8×8.0mm
PV:9.8×14.2mm
SV:8.0×10.0mm
Input
type
RTD
DPt100Ω, JPt100Ω, 3wire (allowable line resistance max. 5Ω per a wire)
Thermocouple
K(CA), J(IC), R(PR), E(CR), T(CC), S(PR), N(NN), W(TT) (allowable line resistance max. 100Ω)
Analog
1-5VDC, 0-10VDC, DC4-20mA
Control
output
Relay
250VAC 3A 1c
SSR
12VDC ±3V 30mA Max.
Current
DC4-20mA (load 600Ω Max.)
Sub
output
PV transmission
-
DC4-20mA (load 600Ω Max.)
EVENT1
250VAC 1A 1a
EVENT2
-
250VAC 1A 1a
Communication
-
-
RS485(PV/SV transmission, SV setting)
Control type
ON/OFF, P, PI, PD, PIDF, PIDS control
Display accuracy
F.S. ±0.3% or 3℃, select the higher one
Setting method
Front push buttons
Hysteresis
1~100℃(0.1 to 100.0℃) variable(ON/OFF control)
ALARM output
Adjustable ON/OFF 1 to 100 (0.1 to 100.0)℃ of alarm output
Proportional band (P)
0.0 to 100.0%
Integral time (I)
0 to 3600 sec.
Derivative time (D)
0 to 3600 sec.
Control period (T)
1 to 120 sec.
Sampling period
0.5 sec.
LBA setting
1 to 999 sec.
RAMP setting
Ramp Up, Ramp Down at 1 to 99min.
Dielectric strength
2,000VAC 50/60Hz for 1min. (between power source terminal and input terminal)
Vibration
0.75mm amplitude at frequency of 10 to 55Hz(for 1min.) in each of X, Y, Z direction for 2 hours
Relay
life cycle
Main output
Mechanical: Min. 10,000,000 operations, Electrical: Min. 100,000 operations(250VAC 3A resistive load)
Sub output
Mechanical: Min. 20,000,000 operations, Electrical: Min. 500,000 operations(250VAC 1A resistive load)
Insulation resistance
Min. 100MΩ (at 500VDC megger)
Noise resistance
±2kV the square wave noise (pulse width: 1us) by the noise simulator
Memory retention
Approx. 10 years (when using non-volatile semiconductor memory type)
Environ-
ment
Ambient temperature -10 to 50
℃, storage: -20 to 60℃
Ambient humidity
35 to 85%RH, storage: 35 to 85%RH
Approval
Unit weight
TZ4SP:
Approx.
136g
TZN4S:
Approx.
150g
Approx.
136g
Approx.
270g
TZ4W:
Approx.
270g
TZN4W:
Approx.
259g
Approx.
259g
Approx.
360g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com