Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2003EVG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P2003EVG
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P2003EVG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P2003EVG Datasheet HTML 1Page - List of Unclassifed Manufacturers P2003EVG Datasheet HTML 2Page - List of Unclassifed Manufacturers P2003EVG Datasheet HTML 3Page - List of Unclassifed Manufacturers P2003EVG Datasheet HTML 4Page - List of Unclassifed Manufacturers P2003EVG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P-Channel Logic Level Enhancement
Mode Field Effect Transistor
P2003EVG
SOP-8
Lead-Free
NIKO-SEM
3
OCT-20-2004
Body Diode Forward Voltage Variation with Source Current and Temperature
25° C
0.6
0.1
0.0001
0
0.001
0.01
SD
0.2
0.4
V
= 0V
10
1
100
T = 125° C
A
GS
0.8
1.0
-55° C
1.2
-V - Body Diode Forward Voltage(V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com