Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2003EVG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P2003EVG
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P2003EVG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P2003EVG Datasheet HTML 1Page - List of Unclassifed Manufacturers P2003EVG Datasheet HTML 2Page - List of Unclassifed Manufacturers P2003EVG Datasheet HTML 3Page - List of Unclassifed Manufacturers P2003EVG Datasheet HTML 4Page - List of Unclassifed Manufacturers P2003EVG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P-Channel Logic Level Enhancement
Mode Field Effect Transistor
P2003EVG
SOP-8
Lead-Free
NIKO-SEM
1
OCT-20-2004
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
TC = 25 °C
-9
Continuous Drain Current
TC = 70 °C
ID
-8
Pulsed Drain Current
1
IDM
-50
A
TC = 25 °C
2.5
Power Dissipation
TC = 70 °C
PD
1.3
W
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Case
RθJc
25
°C / W
Junction-to-Ambient
RθJA
50
°C / W
1Pulse width limited by maximum junction temperature.
2Duty cycle
≤ 1%
ELECTRICAL CHARACTERISTICS (TC = 25 °C, Unless Otherwise Noted)
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250µA
-30
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250µA
-1
-1.5
-3
V
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±100
nA
VDS = -24V, VGS = 0V
-1
Zero Gate Voltage Drain Current
IDSS
VDS = -20V, VGS = 0V, TJ = 125 °C
-10
µA
On-State Drain Current
1
ID(ON)
VDS = -5V, VGS = -10V
-50
A
VGS = -4.5V, ID = -7A
25
35
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = -10V, ID = -9A
15
20
mΩ
Forward Transconductance
1
gfs
VDS = -10V, ID = -9A
24
S
4
:GATE
5,6,7,8 :DRAIN
1,2,3
:SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
-30
20mΩ
-9A
G
S
D


Similar Part No. - P2003EVG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P2003EVG VBSEMI-P2003EVG Datasheet
1,002Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Wuxi U-NIKC Semiconduct...
P2003EVG UNIKC-P2003EVG Datasheet
471Kb / 5P
P-Channel Logic Level Enhancement Mode MOSFET
REV 1.1 2015/3/30
More results

Similar Description - P2003EVG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com