Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4295F Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4295F
Description  EXTERNAL DESKTOP POWER SUPPLY 5VDC 20WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4295F Datasheet(HTML) 1 Page - TT Electronics.

  SW4295F Datasheet HTML 1Page - TT Electronics. SW4295F Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL DESKTOP POWER
SUPPLY 5VDC 20WATT
POWERPAX: SW4295F
© TT Electronics plc
ISS.3 22/05/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C14 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
Description:
Our Range of 20 Watt AC/DC switch mode power supplies provide 20 Watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Code
SW4295F
Input Voltage Range
100 → 240 Vac
Input Frequency Range
50 → 60Hz
Input Connector
IEC 320-C14
Input Current Rated
0.58A Max.
Inrush Current
50A Max. / 100Vac ; 60A Max. / 230Vac
Leakage Current
Less than 3.5mA
Efficiency
≥83.083%
Power Consumption
≤0.1W ( At 230Vac & No Load)
Output Voltage Rating
5 VDC
Output Current Range
4A
Total Power
20W Max.
Output Connection Type
2.1 x 5.5 x 12 mm centre positive – Straight
Over Voltage Protection
12V Max.
Over Current Protection
8A Max.
Short Circuit Protection
Automatic recovery after short-circuit fault being removed
Ripple Voltage
100 mV (p-p) (100-240 Vac Input )
Hi-Pot
3000 Vac 10mA 1 min
Safety Approved
UL / CUL / PSE / BSMI / RCM / GS / CCC
EMI Standard
CE / FCC Class B ; Conduction & Radiation Met.
Operating Temperature Range
0°C → +40°C
Storage Temperature
-20°C → +80°C
Operating Humidity
20% to 80%
Storage Humidity
10% to 90%
Dimensions
100mm(L) x 50mm(W) x 33mm(H)
Product Weight
170g
MTBF
300,000 Hrs.
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4295F

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4298D TTELEC-SW4298D Datasheet
333Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 24WATT
12/12/2022
More results

Similar Description - SW4295F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV.0
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
5VDC, 3A, 15W Switching Power Supply
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
5Vdc, 3A, 15W Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com