Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST21F384 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST21F384
Description  Smartcard MCU with 384 Kbytes of high density Flash memory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST21F384 Datasheet(HTML) 2 Page - STMicroelectronics

  ST21F384 Datasheet HTML 1Page - STMicroelectronics ST21F384 Datasheet HTML 2Page - STMicroelectronics ST21F384 Datasheet HTML 3Page - STMicroelectronics ST21F384 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
ST21F384
2/4
1
Description
The ST21F384 product is a serial access microcontroller specially designed for cost-
effective secure mobile applications.
It is based on an enhanced STMicroelectronics 8/16-bit CPU core offering 16 MBytes
linear addressing space.
It is manufactured using an advanced highly reliable ST Flash technology.
The device includes a DES accelerator.
A serial interface fully compatible with the ISO 7816-3 standard (T = 0 and T = 1) for
Smartcard applications is available.
A CRC calculation block is also available and is directly accessible by the User.
The product architecture is optimized for low power consumption applications. A flexible
clock generator module provides increased performance for specific current requirements.
ST drivers and ST Loader are located in the ST ROM area.
Figure 1.
ST21F384 Block diagram
622
Internal Bus
I/O
IART
GND
8/16-bit
CPU
Core
2 x
8-bit
Timers
CRC
Module
CLK
Clock
Gene-
rator
Module
Vcc
True
Random
Number
Gene-
rator
RAM
ST ROM
Security
Adminis-
trator
RESET
Flash
memory
DES
Accelerator
ST ROM
Firewall



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com