Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST21F384 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST21F384
Description  Smartcard MCU with 384 Kbytes of high density Flash memory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST21F384 Datasheet(HTML) 1 Page - STMicroelectronics

  ST21F384 Datasheet HTML 1Page - STMicroelectronics ST21F384 Datasheet HTML 2Page - STMicroelectronics ST21F384 Datasheet HTML 3Page - STMicroelectronics ST21F384 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2007
Rev 1
1/4
1
ST21F384
Smartcard MCU
with 384 Kbytes of high density Flash memory
Features
ST21F384 major applications include:
■ Mobile communications (GSM, 3G and CDMA)
■ Java applications
Hardware features
■ Enhanced 8/16-bit CPU core with 16 Mbytes
linear addressable memory
■ 7 Kbytes User RAM
■ 384 Kbytes User Flash memory with OTP area:
– 10-year data retention
– 100,000 Erase/Write cycles
– Page granularity of 128 Bytes
– Block granularity: 1 Kbyte
– 128 Bytes of OTP for User
– Page Erase time 3 ms
– Block Erase 1 Kbyte in 15 ms
– Byte programming in 18 µs
– Flash Erase / Write Protection software
programmable on 64 Kbyte Sectors
– Field / Loader mode management
■ Asynchronous Receiver Transmitter
supporting ISO 7816-3 T=0 and T=1 protocols
■ Two 8-bit timers with interrupt capability
■ 1.8V, 3V and 5V supply voltage ranges
■ External clock frequency from 1 up to 7.5 MHz
■ High performance provided by:
– CPU clock frequency up to 22 MHz
– External clock multiplier (2x, 3x, and 4x)
■ Current consumption complies with GSM and
ETSI specifications
■ Power-saving Standby state
■ Contact assignment compatible ISO 7816-2
■ ESD protection greater than 4 kV (HBM)
Software features
■ Flash Loader
■ Flash drivers
Security features
■ Monitoring of environmental parameters
■ Protection against faults
■ ISO 3309 CRC calculation block
■ Cryptographic performances(1):
– Triple DES (with keys loaded):
9.3 µs
– Single DES (with keys loaded):
3.1 µs
■ True Random Number Generator
■ Unique serial number on each die
■ Hardware DES accelerator
Development environment
Software development and firmware generation
are supported by a comprehensive set of
development tools dedicated to software design
and validation:
■ C Compiler
■ Simulator
■ Emulator
1.
Typical values at 22 MHz
259a.ai
Micromodule
Wafer
www.st.com


Similar Part No. - ST21F384

ManufacturerPart #DatasheetDescription
logo
Timeguard
ST210 TIMEGUARD-ST210 Datasheet
334Kb / 3P
Suretime Photocell Automatic Light Switch - 2 Wire
14/02/2025
logo
STMicroelectronics
ST2100 STMICROELECTRONICS-ST2100 Datasheet
524Kb / 39P
Broadband powerline communication SoC optimized
23-May-2014
logo
International Rectifier
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C30R0 IRF-ST2100C30R0 Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
ST2100C30R0L IRF-ST2100C30R0L Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
More results

Similar Description - ST21F384

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19SF02 STMICROELECTRONICS-ST19SF02 Datasheet
25Kb / 2P
Smartcard MCU With 2 KBytes of EEPROM
Oct-1999
ST19SF04 STMICROELECTRONICS-ST19SF04 Datasheet
23Kb / 2P
Smartcard MCU With 4 KBytes of EEPROM
May-2000
ST19NM34 STMICROELECTRONICS-ST19NM34 Datasheet
44Kb / 3P
Smartcard MCU With 34 Kbytes High Density EEPROM
Dec-2004
ST19WG18 STMICROELECTRONICS-ST19WG18 Datasheet
42Kb / 3P
Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
2004-Apr
ST19NR66 STMICROELECTRONICS-ST19NR66 Datasheet
507Kb / 5P
Dual Contactless Smartcard MCU with 66 KBytes High Density EEPROM
17-Jan-2006
ST21Y036 STMICROELECTRONICS-ST21Y036 Datasheet
77Kb / 4P
Smartcard MCU with 36 Kbytes high density EEPROM
06-Nov-2007
ST21Y068 STMICROELECTRONICS-ST21Y068 Datasheet
89Kb / 4P
Smartcard MCU with 68 KBytes High Density EEPROM
20-Mar-2007
ST21Y144 STMICROELECTRONICS-ST21Y144 Datasheet
89Kb / 4P
Smartcard MCU with 144 Kbytes High Density EEPROM
20-Mar-2007
ST23YS02 STMICROELECTRONICS-ST23YS02 Datasheet
76Kb / 4P
Smartcard MCU with enhanced security and 2 Kbytes high-density EEPROM
03-Sep-2007
ST23YS08 STMICROELECTRONICS-ST23YS08 Datasheet
88Kb / 4P
Smartcard MCU Smartcard MCU with Enhanced Security and 8 KBytes High-Density EEPROM
10-Apr-2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com