Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5R-VG24. Datasheet(PDF) 2 Page - IDEC Corporation

Part # PS5R-VG24.
Description  Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

PS5R-VG24. Datasheet(HTML) 2 Page - IDEC Corporation

  PS5R-VG24. Datasheet HTML 1Page - IDEC Corporation PS5R-VG24. Datasheet HTML 2Page - IDEC Corporation PS5R-VG24. Datasheet HTML 3Page - IDEC Corporation PS5R-VG24. Datasheet HTML 4Page - IDEC Corporation PS5R-VG24. Datasheet HTML 5Page - IDEC Corporation PS5R-VG24. Datasheet HTML 6Page - IDEC Corporation PS5R-VG24. Datasheet HTML 7Page - IDEC Corporation PS5R-VG24. Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SPECIFICATIONS
Model
5V DC output
PS5R-VB05
-
-
-
12V DC output
PS5R-VB12
PS5R-VC12
-
-
24V DC output
PS5R-VB24
PS5R-VC24
PS5R-VD24
PS5R-VE24
PS5R-VF24
PS5R-VG24
Output Capacity
15W (5V Model is 10W)
30W
60W
90W
120W
240W
Rated Input Voltage
(Single-phase two-wire)1
100 to 240V AC
(Voltage range: 85 to 264V AC/100 to 370V DC) (Load ≤ 80% at 100-105V DC)
Frequency
50/60 Hz
Input Current (Typ.)
100V AC
5V:
0.25A
12V, 24V: 0.35A
0.7A
1.3A
1.1A
1.4A
2.7A
230V AC
5V:
0.14A
12V, 24V: 0.19A
0.3A
0.8A
0.6A
0.7A
1.2A
Inrush Current (Typ.)
(Ta=25°C, cold start)
100V AC
18A
14A
230V AC
45A
41A
30A
Leakage Current
120V AC
0.5mA max.
230V AC
1.0mA max.
Efficiency (Typ.)
(at rated output)2
100V AC
5V: 77%, 12V: 82%, 24V: 84%
12V: 83%, 24V: 85%
86%
88%
89%
89%
230V AC
5V: 73%, 12V: 80%, 24V: 81%
12V: 85%, 24V: 87%
86%
90%
Power Factor (Typ.)
100V AC
—
—
—
0.99
230V AC
—
—
—
0.86
0.92
0.96
Rated Voltage/Current
5V/2.0A3, 12V/1.3A, 24V/0.65A
12V/2.5A, 24V/1.3A
24V/2.5A
24V/3.75A
24V/5A
24V/10A
Adjustable Voltage Range
±10%
±5%
±10%
Output Holding Time
(Typ.)
(at rated output)
100V AC
5V: 53ms, 12V: 34ms,
24V: 36ms
12V: 13ms, 24V: 15ms
13ms
20ms
30ms
230V AC
5V: 330ms
12V: 215ms
24V: 230ms
12V: 110ms
24V: 110ms
105ms
30ms
33ms
40ms
Start Time (at rated input and output)
500ms max.
600 ms max.
800 ms max.
700 ms max.
800 ms max.
Rise Time (at rated input and output)
5V, 12V: 200ms max. 24V: 250ms
max.
200ms max.
Input Fluctuation
0.4% max.
Load Fluctuation
5V: 2.5% max. 12V, 24V: 1.0%
max.
1.0% max.
Temperature Change
0.05%/oC max. (-10 to +65°C )
12V: 0.05%/°C max. (-10 to +50°C)
24V: 0.05%/°C max. (-10 to +55°C)
0.05%/°C max.
(-10 to +55°C )
0.05%/°C max.
(-10 to +50°C )
0.05%/°C max.
(-25 to +55°C )
0.05%/°C max.
(-25 to +50°C)
Ripple
(including noise)
5V: 8% p-p max. (-25 to -10°C)
12V: 6% p-p max. (-25 to -10°C)
24V: 4% p-p max. (-25 to -10°C)
12V: 6% p-p max. (-25 to -10°C)
24V: 4% p-p max. (-25 to -10°C)
4% p-p max. (-25 to -10°C)
5V: 5% p-p max. (-10 to +0°C)
12V: 2.5% p-p max. (-10 to +0°C)
24V: 1.5% p-p max. (-10 to +0°C)
12V: 2.5% p-p max. (-10 to +0°C)
24V: 1.5% p-p max. (-10 to +0°C)
1.5% p-p max. (-10 to +0°C)
5V: 2.5% p-p max. (0 to +65°C)
12V: 1.5% p-p max. (0 to +65°C)
24V: 1% p-p max. (0 to +65°C)
12V: 1.5% p-p max. (0 to +50°C)
24V: 1% p-p max. (0 to +55°C)
1% p-p max. (0 to
+55°C)
1% p-p max. (0 to
+50°C)
1% p-p max. (0 to +55°C)
1% p-p max. (0 to
+50°C)
Overcurrent Protection
105% min. (auto reset)
101% min. (auto reset)
105% min. (auto reset)
Operation Indicator
LED (green)
Between input and output terminals
3,000V AC, 1 minute
Between input and ground terminals
2,000V AC, 1 minute
Between output and ground terminals
500V AC, 1 minute
Insulation Resistance
Between input and output terminals: 100MΩ min. (500V DC megger)
Between input and ground terminals: 100MΩ min. (500V DC megger)
Operating Temperature4
(No freezing)
-25 to +75°C
-25 to +70°C
-25 to +65°C
Operating Humidity
20 to 90% RH (no condensation)
Storage Temperature (No freezing)
-25 to +75°C
Storage Humidity
20 to 90% RH (no condensation)
Vibration Resistance
10 to 55Hz, amplitude 0.375mm, 2 hours each in 3 axes
(when used with BNL6 end clips)
10 to 55Hz, amplitude 0.33mm, 2 hours each in
3 axes
(when used with BNL6 end clips)
10 to 55Hz, amplitude 0.375mm, 2 hours each in
3 axes (when used with BNL8 end clips)
10 to 55Hz, amplitude 0.21mm,
2 hours each in 3 axes
(when used with BNL6 end
clips)
10 to 55Hz, amplitude
0.375mm, 2 hours each in 3
axes (when used with BNL8
end clips)
10 to 55 Hz, amplitude
0.375mm, 2 hours each
in 3 axes
(when used with part no.
BNL6 mounting clips)
Shock Resistance
300 m/s2 (30G), 3 times each in 6 directions
Expected Life5
8 years minimum (at the rated input, 50% load, operating temperature +40°C, standard mounting direction)
EMC
EMI
EN61204-3 (Class B)
EMS
EN61204-3 (industrial)
Safety Standards
UL508 (Listing), UL1310 Class 2
, ANSI/ISA-12.12.01
CSA C22.2 No. 107.1, 213, 223 EN60950-1, EN50178
UL508 (Listing) ANSI/ISA-12.12.01
CSA C22.2 No. 107.1, 213
EN60950-1, EN50178
Other Standard
SEMI F47 (at 208V AC input only)
Degree of Protection
IP20 (EN60529)
Dimensions (mm)
90H × 22.5W × 95D
95H × 36W × 108D
115H × 46W × 121D
125H × 60W × 125D
Weight (approx.)
140g
150g
260g
310g
470g
960g
Terminal Screw
M3.5
At normal temperature and humidity unless otherwise specified.
Note 1: DC input voltage is not subject to safety standards. When using on DC input, connect a fuse to the input terminal for DC input protection.
Note 2: Under stable state.
Note 3: PS5R-VB05 (5V DC/2.0A) is 10W (Up to 3.0A at Ta = 0 to 40°C. Not subject to safety standards above 2.0A.)
Note 4: See the output derating curves on page 3.
Note 5: Calculation of the expected life is based on the actual life of the aluminum electrolytic capacitor. The expected life depends on operating conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com