Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5R-VG24. Datasheet(PDF) 4 Page - IDEC Corporation

Part # PS5R-VG24.
Description  Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

PS5R-VG24. Datasheet(HTML) 4 Page - IDEC Corporation

  PS5R-VG24. Datasheet HTML 1Page - IDEC Corporation PS5R-VG24. Datasheet HTML 2Page - IDEC Corporation PS5R-VG24. Datasheet HTML 3Page - IDEC Corporation PS5R-VG24. Datasheet HTML 4Page - IDEC Corporation PS5R-VG24. Datasheet HTML 5Page - IDEC Corporation PS5R-VG24. Datasheet HTML 6Page - IDEC Corporation PS5R-VG24. Datasheet HTML 7Page - IDEC Corporation PS5R-VG24. Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Operating Temperature Approved by Safety Standards
Part Number
UL508, CSA C22.2 No.107.1, ANSI/ISA12.12.01, EN60950-1, EN50178
Mounting A
Mounting B
Mounting C
Mounting D
Mounting E
Mounting F
PS5R-VB05, -VB12, -VB24
65
60
60
60
60
60
PS5R-VC12
50
45
45
45
45
45
PS5R-VC24
55
55
50
45
45
45
PS5R-VD24
55
40
40
40
45
35
PS5R-VE24
50
40
40
40
45
40
PS5R-VF24
55
40
45
40
45
35
PS5R-VG24
50
35
30
30
45
30
MOUNTING STYLE
Mounting A
(Vertical, standard)
Mounting B
(Upright)
Mounting C
(Right side up)
Mounting D
(Left side up)
Mounting E
(Upside down)
Mounting F
(Downward)
Up
FRONT PANEL
PS5R-VB/VC
PS5R-VD/VE/VF
PS5R-VG
Marking
Name
Description
L, N
AC Input Terminal
Voltage range: 85 to 264V AC/100 to 370V DC
Ground Terminal
Be sure to connect this terminal to a proper ground.
+V, -V
DC Output Terminals
+V: Positive output terminal
-V: Negative output terminal
VR.ADJ
Output Voltage Adjustment
Allows adjustment within ±10%. (VE = ±5%)
Turning clockwise increases the output voltage.
Turning counterclockwise decreases the output voltage.
DC ON
Operation Indicator (green)
Illuminates when the output voltage is on.
100 -240 VAC
INP UT
VR.
ADJ
ON
O UTP UT
L
INPUT 50/60Hz
VR.
ADJ
DC ON
N
-V
OUTPUT
+V
ACCESSORIES
Panel Mounting Bracket2
Applicable Switching Power Supply
Part Number
Remarks
PS5R-VB
PS5R-VC
PS9Z-5R1B
—
PS9Z-5R2B
For side mounting
PS5R-VD
PS5R-VE
PS9Z-5R1C
—
PS5R-VF
PS9Z-5R1E
—
PS5R-VG
PS9Z-6R1F
—
PS9Z-6R2F
For side mounting
Note 2: Used when installing on a panel directly.
DIN Rail (35mm-wide)
Length
Part Number
Material
1000mm
BNDN1000
Aluminum
End Clip
Part Number
BNL6
BNL8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com