Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4458B Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4458B
Description  INTERCHANGEABLE WALL PLUG POWER SUPPLY 15VDC 6WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4458B Datasheet(HTML) 1 Page - TT Electronics.

  SW4458B Datasheet HTML 1Page - TT Electronics. SW4458B Datasheet HTML 2Page - TT Electronics. SW4458B Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INTERCHANGEABLE WALL PLUG
POWER SUPPLY 15VDC 6WATT
Power Pax: SW4458B
©ÊTTÊElectronicsÊplc
ISS.3ÊÊÊ22/07/2022ÊÊPage:Ê1
GeneralÊNoteÊ
TTÊElectronicsÊreservesÊtheÊrightÊtoÊmakeÊchangesÊinÊproductÊspecifica onÊwithoutÊ
no ceÊorÊliability.ÊÊAllÊinforma onÊisÊsubjectÊtoÊTTÊElectronics’ÊownÊdataÊandÊisÊ
consideredÊaccurateÊatÊ meÊofÊgoingÊtoÊprint.
TTÊElectronicsÊIoTÊSolu onsÊLtd
To sÊFarmÊEast,ÊBrendaÊRoad,ÊHartlepool,ÊTS25Ê2BQ,ÊUK
t:Ê+44Ê(0)Ê1429Ê852Ê500Ê
Features:
·
InterchangeableÊACÊHeads
·
WorldwideÊApprovals
·
ReliabilityÊlevelÊofÊ50KÊhoursÊMTBF
·
Cooling:ÊnaturalÊconvec on
Descrip on:
OurÊrangeÊofÊ6ÊWa ÊInterchangeableÊwallÊplugÊpowerÊsuppliesÊprovideÊ6ÊWa sÊofÊcon nuousÊpowerÊwithÊtheÊflexibilityÊofÊ
worldwideÊusageÊasÊtheyÊareÊsuppliedÊwithÊUK,ÊEuro,ÊUSAÊ&ÊAuzÊACÊHeadsÊ,ÊallÊEfficiencyÊLevelÊVIÊandÊcarryÊworldwideÊsafetyÊ
approvals.Ê
Specifica on
PartÊNumber
SW4458B
InputÊVoltageÊRange
100-264ÊVac
InputÊFrequencyÊRange
50-60Hz
InputÊCurrentÊRated
0.4AÊMax
InputÊACÊHeads
UK,ÊEuro,ÊUSAÊ&ÊAuz
OutputÊVoltageÊRa ng
15V
OutputÊCurrentÊRange
0.4A
OutputÊMinÊCurrent
0.01A
OutputÊConnec onÊType
5.5ÊxÊ2.1ÊxÊ12mmÊForkÊandÊGrooveÊCentreÊPosi ve
LineÊandÊLoadÊRegula on
±5%
RippleÊ&ÊNoise
240ÊmVÊp-p
Efficiency
82.96%ÊMin
ShortÊCircuitÊProtec on
TheÊadaptorÊshallÊnotÊbeÊdamagedÊbyÊshortÊtheÊDCÊoutputÊtoÊ
ground.ÊTheÊadaptorÊshallÊresumeÊnormalÊopera onÊwhenÊaÊ
shortÊcircuitedÊfaultÊcondi onÊisÊremoved
OverÊCurrentÊProtec on
OutputÊwillÊbeÊprotectedÊagainstÊtheÊoverÊcurrentÊcondi ons
Opera ngÊTemperature
0°CÊtoÊ+50°C
StorageÊTemperature
-20°CÊtoÊ+80°C
Opera ngÊHumidity
10%ÊtoÊ90%
StorageÊHumidity
10%ÊtoÊ90%
Hi-Pot
3000VACÊ10mAÊ1min
LeakageÊCurrent
0.25mAÊmax
SafetyÊStandard
MeetsÊUL,ÊCUL,ÊCE,ÊSAA
EMIÊStandard
MeetsÊCE(EN55032)ÊANDÊFCCÊClassÊB
MTBF
50KÊHours
SizeÊmmÊmax.
78.98mm(L)ÊxÊ41mm(W)ÊxÊ72.2mm(H)


Similar Part No. - SW4458B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW445 SUNNYWAY-SW445 Datasheet
335Kb / 1P
General Battery
logo
TT Electronics.
SW4450-E TTELEC-SW4450-E Datasheet
386Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 5VDC 5WATT
13/12/2022
SW4453-C2 TTELEC-SW4453-C2 Datasheet
383Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 5VDC 6WATT
23/06/2020
SW4454-D-A TTELEC-SW4454-D-A Datasheet
419Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 6VDC 6WATT
29/05/2020
SW4455C TTELEC-SW4455C Datasheet
337Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 7.5VDC 6WATT
29/05/2020
More results

Similar Description - SW4458B

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSX050-4000-13 TRIAD-WSX050-4000-13 Datasheet
143Kb / 1P
Wall Plug ??Ins - Interchangeable
WSX060-4000-13 TRIAD-WSX060-4000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX060-4000-R13 TRIAD-WSX060-4000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX090-2500-R13 TRIAD-WSX090-2500-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-13 TRIAD-WSX120-2000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-R13 TRIAD-WSX120-2000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-13 TRIAD-WSX150-1600-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-R13 TRIAD-WSX150-1600-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-13 TRIAD-WSX180-1330-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-R13 TRIAD-WSX180-1330-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com