Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4458B Datasheet(PDF) 3 Page - TT Electronics.

Part # SW4458B
Description  INTERCHANGEABLE WALL PLUG POWER SUPPLY 15VDC 6WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4458B Datasheet(HTML) 3 Page - TT Electronics.

  SW4458B Datasheet HTML 1Page - TT Electronics. SW4458B Datasheet HTML 2Page - TT Electronics. SW4458B Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
©ÊTTÊElectronicsÊplc
ISS.3ÊÊÊ22/07/2022ÊÊPage:Ê3
GeneralÊNoteÊ
TTÊElectronicsÊreservesÊtheÊrightÊtoÊmakeÊchangesÊinÊproductÊspecifica onÊwithoutÊ
no ceÊorÊliability.ÊÊAllÊinforma onÊisÊsubjectÊtoÊTTÊElectronics’ÊownÊdataÊandÊisÊ
consideredÊaccurateÊatÊ meÊofÊgoingÊtoÊprint.
TTÊElectronicsÊIoTÊSolu onsÊLtd
To sÊFarmÊEast,ÊBrendaÊRoad,ÊHartlepool,ÊTS25Ê2BQ,ÊUK
t:Ê+44Ê(0)Ê1429Ê852Ê500Ê
INTERCHANGEABLE WALL PLUG
POWER SUPPLY 15VDC 12WATT
Power Pax: SW4458B
Issue
ChangeÊDescrip on
Approval
Date
1
MWÊCREATED
28/11/2019



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com