Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5 Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # ASM5
Description  VELCRO ® CABLE WRAP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

ASM5 Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  ASM5 Datasheet HTML 1Page - Pentair plc. All rights reserved. ASM5 Datasheet HTML 2Page - Pentair plc. All rights reserved. ASM5 Datasheet HTML 3Page - Pentair plc. All rights reserved. ASM5 Datasheet HTML 4Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mounting Accessories Fasteners
Spec-00751 D
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
Accessories
1
SPEC-00751
D763.422.2211
763.422.2600
Accessories
MOUNTING ACCESSORIES
FASTENERS
VeLcro® cABLe WrAP
Securely holds cable to cable manager and unfastens easily for
cable maintenance. VELCRO® is 0.5-in. (12.7-mm) wide. Available
in 8- and 12-in. (203- and 305-mm) lengths in both screw fastener
and wrap styles. M5 self-tapping screw is used on Net Series or
PROLINE™ frames.
VELCRO is a trademark of Velcro Industries B.V.
BULLETIN: DACCY
Catalog Number
Description
L (in.)
L (mm)
Color
Pkg. Qty.
ECWTD8B
Screw fastener style.
Includes M5 mounting screw.
8.00
203
Black
10
ECWTD12B
Screw fastener style.
Includes M5 mounting screw.
12.00
305
Black
10
ECW8B
Wrap style
8.00
203
Black
10
ECW8R
Wrap style
8.00
203
Red
10
ECW8BL
Wrap style
8.00
203
Blue
10
ECW8Y
Wrap style
8.00
203
Yellow
10
ECW12B
Wrap style
12.00
305
Black
10
ECW12R
Wrap style
12.00
305
Red
10
ECW12BL
Wrap style
12
305
Blue
10
ECW12Y
Wrap style
12
305
Yellow
10
uL-recogniZeD HArDWAre Kits
89090290
inDustrY stAnDArDs
UL 508A recognized components
CSA File No. 42186: Type 4, 4X, 12, 13
Cabinet maintains up to UL Type 4X when included hardware is used
per instructions.
APPLicAtion
These UL-recognized mountings kits are designed to maintain the
overall UL Type rating of the enclosure when component mounting
holes penetrate the exterior of the enclosure. These hardware kits
are conveniently offered in three common fastener sizes to meet
various applications.
FeAtures
•
Each kit provides the capability of sealing 10 hole penetrations
•
Kits are offered in 10-32, 1/4-20 and 3/8-16 fastener sizes
•
Stainless steel fasteners
•
Kit contains screws, sealing washers and locking nuts
•
Kit is UL-recognized as a means to maintain UL enclosure cabinet
rating up to Type 4X
sPeciFicAtions
•
Fasteners are made of stainless steel
•
Sealing washer has integral rubber sealing and stainless steel
washer
FinisH
Brushed, bright stainless steel
BULLETIN: A80HS
Standard Product
 
Catalog Number
Fastener Size
(Nominal)
Fastener Length
(Dia. Inches)
Drill/Hole Size
(Inches)
AHK10324X
10-32
5/8
7/32
AHK14204X
1/4-20
1
9/32
AHK38164X
3/8-16
1
13/32


Similar Part No. - ASM5

ManufacturerPart #DatasheetDescription
logo
I.L.M.E. S.p.A.
ASM50I ILME-ASM50I Datasheet
216Kb / 1P
ILME Multipole Connectors
ASM50P ILME-ASM50P Datasheet
216Kb / 1P
ILME Multipole Connectors
logo
Connor-Winfield Corpora...
ASM51 CONNOR-WINFIELD-ASM51 Datasheet
88Kb / 2P
ADVANCED CMOS SURFACE MOUNT
logo
List of Unclassifed Man...
ASM51AA ETC1-ASM51AA Datasheet
288Kb / 2P
3.3V SURFACE MOUNT CRYSTALCLOCK OSCILLATORS
logo
Connor-Winfield Corpora...
ASM51AA CONNOR-WINFIELD-ASM51AA Datasheet
121Kb / 2P
3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR
More results

Similar Description - ASM5

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SHR-05-6NB RICHCO-SHR-05-6NB Datasheet
59Kb / 1P
SLIT HARNESS WRAP
logo
List of Unclassifed Man...
501194 ETC2-501194 Datasheet
47Kb / 1P
Wrap Bit, 30 AGW, Modified Wrap
561-W10NAC ETC2-561-W10NAC Datasheet
143Kb / 2P
Natural Spiral Wrap
561-W100BKC ETC2-561-W100BKC Datasheet
144Kb / 2P
Black Spiral Wrap
logo
OEN India Limited
04-SWP1259C OENINDIA-04-SWP1259C Datasheet
55Kb / 1P
Spiral Wrap
logo
PHOENIX CONTACT
2734976 PHOENIX-2734976 Datasheet
42Kb / 2P
Transparent protective lamellar section and velcro strip
logo
Keystone Electronics Co...
5070 KEYSTONE-5070 Datasheet
269Kb / 1P
WIRE WRAP PIN
2.27.06
logo
Maxtena Inc.
MEA-2490-VM MAXTENA-MEA-2490-VM Datasheet
2Mb / 3P
2.4/5.0 GHz ISM Velcro/Adhesive Mount
REV A
logo
Kendall Howard
0300-1-002-00 KENDALLHOWARD-0300-1-002-00 Datasheet
64Kb / 1P
VELCRO CABLE TIE-8.00" LONG
logo
Heyco.
8904 HEYCO-8904 Datasheet
129Kb / 1P
Heyco® Hose and Cable Wrap-Polyethylene
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com