Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # ASM5
Description  VELCRO ® CABLE WRAP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

ASM5 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  ASM5 Datasheet HTML 1Page - Pentair plc. All rights reserved. ASM5 Datasheet HTML 2Page - Pentair plc. All rights reserved. ASM5 Datasheet HTML 3Page - Pentair plc. All rights reserved. ASM5 Datasheet HTML 4Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mounting Accessories Fasteners
Spec-00751 D
PH 763.422.2211 • • FAX 763.422.2600 • • PENTAIRPROTECT.COM
EQUIPMENT PROTECTION
Accessories
2
tAMPer-resistAnt screWs
Designed for field installation on screw cover pull boxes and screw
cover Type 3R enclosures (size 16.00 x 12.00 x 6.00 in. or smaller),
consolets, pushbutton enclosures and Type 12 screw cover wiring
trough. Each package consists of four Type 18-8 stainless steel
screws and four nylon captivating washers. Driver bit must be
ordered separately (functions in any handle or socket capable of
holding 1/4-in. hex insert bits).
BULLETIN: A80
Catalog Number
Description
Pkg. Qty.
ATRSK
Tamper-resistant screw (10-32)
4
ATRSDVR
Driver bit
1
screW PAcKAges
Screw Packages are for mounting
rack panels and equipment to rack
angles.
BULLETIN: A80, DACCY, X20
Catalog Number
Color
Description
Pkg. Qty.
ES1224
Silver
12-24 x 5/8 in. combo head
20
ES1224250
Silver
12-24 x 5/8 in. combo head
250
ES1224B
Black
12-24 x 5/8in. combo head
20
ES1224B250
Black
12-24 x 5/8 in. combo head
250
ASM5
Silver
M5 x 20 mm Combo Head
20
ASM6
Silver
M6 x 16 mm combo head
20
ASM5T
Silver
M5 x 12 mm thread-forming Phillips hex head screws
20
ASM6250
Silver
M6 x 16 mm combo head
250
AS1032
Silver
10-32 x 5/8 in. combo head
20
AS1032250
Silver
10-32 x 5/8 in. combo head
250
AS1032B
Black
10-32 x 5/8 in. combo head
20
Use ASM5T on PROLINE™ frame or Net Series extruded holes.
cAge nut PAcKAge
Cage Nut Packages are for use with
square-hole rack angles. Cage nuts
are plated steel.
BULLETIN: DACCY
Catalog Number
Color
Description
Pkg. Qty.
PM5CN
Silver
M5 cage nut
20
PM6CN
Silver
M6 cage nut
20
PM6CN250
Silver
M6 cage nut
250
P1032CN
Silver
10-32 cage nut
20
P1032CN250
Silver
10-32 cage nut
250
P1224CN
Silver
12-24 cage nut
20
P1224CN250
Silver
12-24 cage nut
250
cLiP nut PAcKAge
Twenty plated clip nuts fit all
rack-mounting angles with .281-in.
(7-mm) diameter holes (through-
hole type).
BULLETIN: A80
Catalog Number
Description
Pkg. Qty.
Fits
AN1032
Clip Nut 10-32
20
.281-diameter mounting holes
ANM5
Clip Nut M5 (Metric)
20
.281-diameter mounting holes
cLAMPing nut PAcKAge
Twenty plated clamping nuts with top-grip nut retainers. Clamping
nuts fit into mounting channels that are used on inside walls of
Hoffman enclosures. Clamping nuts are included with all Hoffman
accessories that attach to mounting channels. These clamping nuts
can be used for mounting other equipment (brackets, etc.) to the
enclosure walls.
BULLETIN: A80
Catalog Number
Description
Thread
APS1032CN
Package of 20
10-32
APS1420CN
Package of 20
1/4-20
APS51618CN
Package of 20
5/16-18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com