Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA650 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA650
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA650 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA650 Datasheet HTML 9Page - Texas Instruments OPA650 Datasheet HTML 10Page - Texas Instruments OPA650 Datasheet HTML 11Page - Texas Instruments OPA650 Datasheet HTML 12Page - Texas Instruments OPA650 Datasheet HTML 13Page - Texas Instruments OPA650 Datasheet HTML 14Page - Texas Instruments OPA650 Datasheet HTML 15Page - Texas Instruments OPA650 Datasheet HTML 16Page - Texas Instruments OPA650 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.ti.com
OPERATING SUGGESTIONS
Optimizing Resistor Values
Inverting Amplifier Operation
Bandwidth vs Gain: Noninverting Operation
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
causes the phase margin to approach 90
° and the
bandwidth to more closely approach the predicted
value of (GBP/NG). At a gain of +5, the 45MHz
bandwidth shown in the Electrical Characteristics is
Because the OPA2652 is a unity gain stable voltage
close to that predicted using this simple formula.
feedback op amp, a wide range of resistor values
may be used for the feedback and gain setting
resistors. The primary limits on these values are set
by dynamic range (noise and distortion) and parasitic
Because
the
OPA2652
is
a
general-purpose,
capacitance considerations. For a noninverting unity
wideband voltage feedback op amp, all of the
gain follower application, the feedback connection
familiar op amp application circuits are available to
should be made with a 25
Ω resistor, not a direct
the designer. Inverting operation is one of the more
short. This configuration isolates the inverting input
common
requirements
and
offers
several
capacitance from the output pin and improves the
performance benefits. Figure 29 shows a typical
frequency response flatness. Usually, the feedback
inverting configuration.
resistor value should be between 200
Ω and 1.5kΩ.
In the inverting configuration, three key design
Below
200
Ω, the feedback network presents
consideration must be noted. First, the gain resistor
additional output loading that can degrade the
(RG) becomes part of the signal channel input
harmonic distortion performance of the OPA2652.
impedance. If input impedance matching is desired
Above
1.5k
Ω, the typical parasitic capacitance
(which is beneficial whenever the signal is coupled
(approximately 0.2pF) across the feedback resistor
through a cable, twisted pair, long PCB trace or other
may cause unintentional bandlimiting in the amplifier
transmission line conductor), RG may be set equal to
response.
the required termination value and RF adjusted to
A good rule of thumb is to target the parallel
give the desired gain. This approach is the simplest,
combination of RF and RG (see Figure 28) to be less
and
results
in
optimum
bandwidth
and
noise
than approximately 300
Ω. The combined impedance
performance. However, at low inverting gains, the
RF
||
RG
interacts
with
the
inverting
input
resulting feedback resistor value can present a
capacitance, placing an additional pole in the
significant load to the amplifier output. For an
feedback network, and thus a zero in the forward
inverting gain of –1, setting RG to 50Ω for input
response. Assuming a 2pF total parasitic on the
matching eliminates the need for RM but requires a
inverting node, holding RF || RG < 300Ω keeps this
50W feedback resistor. This configuration has the
pole above 250MHz. By itself, this constraint implies
interesting advantage that the noise gain becomes
that the feedback resistor RF can increase to several
equal to 2 for a 50
Ω source impedance—the same
k
Ω at high gains. This increase is acceptable as long
as
the
noninverting
circuits
considered
above.
as the pole formed by RF and any parasitic
However, the amplifier output now sees the 50
Ω
capacitance appearing in parallel is kept out of the
feedback resistor in parallel with the external load. In
frequency range of interest.
general, the feedback resistor should be limited to
the 200
Ω to 1.5kΩ range. In this case, it is preferable
to increase both the RF and RG values as shown in
Figure 29, and then achieve the input matching
Voltage
feedback
op
amps
exhibit
decreasing
impedance with a third resistor (RM) to ground. The
closed-loop
bandwidth
as
the
signal
gain
is
total
input
impedance
becomes
the
parallel
increased. In theory, this relationship is described by
combination of RG and RM.
the Gain Bandwidth Product (GBP) shown in the
specifications.
Ideally,
dividing
GBP
by
the
The second major consideration, touched on in the
noninverting signal gain (also called the Noise Gain,
previous
paragraph,
is
that
the
signal
source
or NG) predicts the closed-loop bandwidth. In
impedance becomes part of the noise gain equation
practice, this prediction only holds true when the
and influences the bandwidth. For the example in
phase margin approaches 90
°, as it does in high
Figure 29, the RM value combines in parallel with the
gain
configurations.
At
low
gains
(increased
external 50
Ω source impedance, yielding an effective
feedback factor), most amplifiers exhibit a wider
driving impedance of 50
Ω || 57.6Ω = 26.8Ω. This
bandwidth and lower phase margin. The OPA2652 is
impedance is added in series with RG for calculating
compensated
to
give
a
flat
response
in
a
the noise gain (NG). The resulting NG is 1.94 for
noninverting
gain
of
1
(see
Figure
28).
This
Figure 29 (an ideal source would cause NG = 2.00).
configuration results in a typical gain of +1 bandwidth
The
third
important
consideration
in
inverting
of 700MHz, far exceeding that predicted by dividing
amplifier
design
is
setting
the
bias
current
the 200MHz GBP by NG = 1. Increasing the gain
cancellation resistor on the noninverting input (RB). If
this resistor is set equal to the total DC resistance
looking out of the inverting node, the output DC
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com