Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA650 Datasheet (PDF) - Texas Instruments

OPA650 Datasheet PDF - Texas Instruments
Part # OPA650
Download  OPA650 Download
File Size   608.8 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER

OPA650 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA650 Datasheet PDF - Texas Instruments

Part # OPA650
Download  OPA650 Click to download

File Size   608.8 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER

OPA650 Datasheet (HTML) - Texas Instruments


OPA650 Product details

FEATURES
· WIDEBAND BUFFER: 700MHz, G = +1
· WIDEBAND LINE DRIVER: 200MHz, G = +2
· HIGH OUTPUT CURRENT: 140mA
· LOW SUPPLY CURRENT: 5.5mA/Ch
· ULTRA-SMALL PACKAGE: SOT23-8
· LOW dG/df: 0.05%/0.03°
· HIGH SLEW RATE: 335V/msec
· SUPPLY VOLTAGE: ±3V to ±6V

APPLICATIONS
· A/D DRIVERS
· CONSUMER VIDEO
· ACTIVE FILTERS
· PULSE DELAY CIRCUITS
· LOW COST UPGRADE TO THE AD8056
OR EL2210

DESCRIPTION
The OPA2652 is a dual, low-cost, wideband voltage
feedback amplifier intended for price-sensitive
applications. It features a high gain bandwidth
product of 200MHz on only 5.5mA/channel quiescent
current. Intended for operation on ±5V supplies, it
also supports applications on a single supply from
+6V to +12V with 140mA output current. Its classical
differential input, voltage-feedback design allows
wide application in active filters, integrators,
transimpedance amplifiers, and differential receivers.
The OPA2652 is internally compensated for unity
gain stability. It has exceptional bandwidth (700MHz)
as a unity gain buffer, with little peaking (0dB typ).
Excellent DC accuracy is achieved with a low 1.5mV
input offset voltage and 300nA input offset current.




Similar Part No. - OPA650

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA650 TI1-OPA650 Datasheet
833Kb / 23P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA650N BURR-BROWN-OPA650N Datasheet
183Kb / 12P
Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA650N TI1-OPA650N Datasheet
148Kb / 13P
Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
More results


Similar Description - OPA650

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
Dual 700MHz, 200mA Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
June 2004
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652_07 Datasheet
507Kb / 20P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
Dual 700MHz, 200mA Operational Amplifier
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
Voltage Feedback OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com