Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1150 Datasheet (PDF) - Intersil Corporation

HFA1150 Datasheet PDF - Intersil Corporation
Part # HFA1150
Download  HFA1150 Download
File Size   203.93 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier

HFA1150 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1150 Datasheet PDF - Intersil Corporation

Part # HFA1150
Download  HFA1150 Click to download

File Size   203.93 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier

HFA1150 Datasheet (HTML) - Intersil Corporation


HFA1150 Product details

The HFA1150 is a high-speed, wideband, fast settling op amp built with Intersils proprietary complementary bipolar UHF-1 process. The current feedback architecture delivers superb bandwidth even at very high gains (>300MHz at AV = 10), and the low distortion and excellent video parameters make this amplifier ideal for communication and professional video applications.

Features
• Low Distortion (5MHz, HD2). . . . . . . . . . . . . . . . . . -67dBc
• -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 700MHz
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . 2700V/µs
• Fast Settling Time (0.1%) . . . . . . . . . . . . . . . . . . . . . 20ns
• Excellent Gain Flatness . . . . . . . . . . ±0.05dB to 100MHz
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . <5ns
• Operates with 5V Single Supply (See AN9891)

Applications
• Video Switching and Routing
• Pulse and Video Amplifiers
• RF/IF Signal Processing
• Flash A/D Driver
• Medical Imaging Systems
• Related Literature
    - AN9420, Current Feedback Theory
    - AN9891, Single 5V Supply Operation




Similar Part No. - HFA1150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
341Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
June 2004
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150IB INTERSIL-HFA1150IB Datasheet
341Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
June 2004
logo
Renesas Technology Corp
HFA1150IB RENESAS-HFA1150IB Datasheet
713Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150IB96 INTERSIL-HFA1150IB96 Datasheet
341Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
June 2004
More results


Similar Description - HFA1150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1155 INTERSIL-HFA1155 Datasheet
244Kb / 13P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
July 15, 2005
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
June 2004
HFA1155 INTERSIL-HFA1155_04 Datasheet
253Kb / 10P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
September 2004
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1155 RENESAS-HFA1155 Datasheet
515Kb / 10P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com