Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1155 Datasheet (PDF) - Renesas Technology Corp

HFA1155 Datasheet PDF - Renesas Technology Corp
Part # HFA1155
Download  HFA1155 Download
File Size   515.59 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier

HFA1155 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1155 Datasheet PDF - Renesas Technology Corp

Part # HFA1155
Download  HFA1155 Click to download

File Size   515.59 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier

HFA1155 Datasheet (HTML) - Renesas Technology Corp


HFA1155 Product details

The HFA1155 is a low power, high-speed op amp and is the most recent addition to Intersil’s HFA1XX5 series of low power op amps and buffers. Intersils proprietary complementary bipolar UHF-1 process, coupled with the current feedback architecture deliver superb bandwidth even at very high gains (>250MHz at AV = 10). The excellent video parameters make this amplifier ideal for professional video applications.

Features
• Low Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5mA
• Low Distortion (10MHz, HD2) . . . . . . . . . . . . . . . . -53dBc
• -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 360MHz
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . 1650V/μs
• Fast Settling Time (0.1%). . . . . . . . . . . . . . . . . . . . . 38ns
• Excellent Gain Flatness . . . . . . . . . . . ±0.06dB to 50MHz
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 55mA
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . <7ns
• Operates with 5V Single Supply (See AN9897)

Applications
• Video Switching and Routing
• Pulse and Video Amplifiers
• IF Signal Processing
• Flash A/D Driver
• Medical Imaging Systems
• Related Literature
    - AN9420, Current Feedback Theory
    - AN9897, Single 5V Supply Operation




Similar Part No. - HFA1155

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1155 INTERSIL-HFA1155 Datasheet
244Kb / 13P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
HFA1155 INTERSIL-HFA1155 Datasheet
253Kb / 10P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
September 2004
HFA1155EVAL INTERSIL-HFA1155EVAL Datasheet
244Kb / 13P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
HFA1155IB INTERSIL-HFA1155IB Datasheet
244Kb / 13P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
HFA1155IB96 INTERSIL-HFA1155IB96 Datasheet
244Kb / 13P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
More results


Similar Description - HFA1155

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1155 INTERSIL-HFA1155 Datasheet
244Kb / 13P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
Low Power, Current Feedback Quad Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
June 2004
HFA1155 INTERSIL-HFA1155_04 Datasheet
253Kb / 10P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
September 2004
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA4684 TI1-OPA4684 Datasheet
1Mb / 33P
Quad, Low-Power, Current-Feedback Operational Amplifier
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com