Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1150 Datasheet (PDF) - Renesas Technology Corp

HFA1150 Datasheet PDF - Renesas Technology Corp
Part # HFA1150
Download  HFA1150 Download
File Size   713.2 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier

HFA1150 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1150 Datasheet PDF - Renesas Technology Corp

Part # HFA1150
Download  HFA1150 Click to download

File Size   713.2 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier

HFA1150 Datasheet (HTML) - Renesas Technology Corp


HFA1150 Product details

The HFA1150 is a high-speed, wideband, fast settling op amp built with Intersils proprietary complementary bipolar UHF-1 process. The current feedback architecture delivers superb bandwidth even at very high gains (>300MHz at AV = 10), and the low distortion and excellent video parameters make this amplifier ideal for communication and professional video applications.

Features
• Low Distortion (5MHz, HD2) . . . . . . . . . . . . . . . . . -67dBc
• a-3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . 700MHz
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . 2700V/μs
• Fast Settling Time (0.1%). . . . . . . . . . . . . . . . . . . . . 20ns
• Excellent Gain Flatness . . . . . . . . . . ±0.05dB to 100MHz
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . <5ns
• Operates with 5V Single Supply (See AN9891)

Applications
• Video Switching and Routing
• Pulse and Video Amplifiers
• RF/IF Signal Processing
• Flash A/D Driver
• Medical Imaging Systems
• Related Literature
    - AN9420, Current Feedback Theory
    - AN9891, Single 5V Supply Operation




Similar Part No. - HFA1150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1150 INTERSIL-HFA1150 Datasheet
341Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
June 2004
HFA1150EVAL INTERSIL-HFA1150EVAL Datasheet
203Kb / 13P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1150IB INTERSIL-HFA1150IB Datasheet
203Kb / 13P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1150IB INTERSIL-HFA1150IB Datasheet
341Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
June 2004
More results


Similar Description - HFA1150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1155 INTERSIL-HFA1155 Datasheet
244Kb / 13P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
July 15, 2005
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
June 2004
HFA1155 INTERSIL-HFA1155_04 Datasheet
253Kb / 10P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
September 2004
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1155 RENESAS-HFA1155 Datasheet
515Kb / 10P
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com