Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA685 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA685
Description  Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA685 Datasheet(HTML) 2 Page - Texas Instruments

  OPA685 Datasheet HTML 1Page - Texas Instruments OPA685 Datasheet HTML 2Page - Texas Instruments OPA685 Datasheet HTML 3Page - Texas Instruments OPA685 Datasheet HTML 4Page - Texas Instruments OPA685 Datasheet HTML 5Page - Texas Instruments OPA685 Datasheet HTML 6Page - Texas Instruments OPA685 Datasheet HTML 7Page - Texas Instruments OPA685 Datasheet HTML 8Page - Texas Instruments OPA685 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
OPA3684
2
SBOS241C
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply ...............................................................................
±6.5V
DC
Internal Power Dissipation ................................. See Thermal Information
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: ID, IDBQ ......................... –65
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature (TJ ) ........................................................... +175°C
ESD Rating: HBM ............................................................................ 1900V
CDM ........................................................................... 1500V
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA3684
SO-14
D
–40
°C to +85°C
OPA3684
OPA3684ID
Rails, 58
""
"
"
"
OPA3684IDR
Tape and Reel, 2500
OPA3684
SSOP-16
DBQ
–40
°C to +85°C
OPA3684
OPA3684IDBQT
Tape and Reel, 250
""
"
"
"
OPA3684IDBQR
Tape and Reel, 2500
PACKAGE/ORDERING INFORMATION(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet its published specifications.
OPA3684 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
QUADS
FEATURES
OPA684
OPA2684
—
OPA4684
Low-Power CFBplus
OPA691
OPA2691
OPA3691
—
High Slew Rate CFB
OPA685
———
> 500MHz CFB
OPA692
—
OPA3692
—
Fixed-Gain Video Buffers
Top View
SO
Top View
SSOP
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at
www.ti.com.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DIS A
DIS B
DIS C
+V
S
+Input A
–Input A
Output A
Output C
–Input C
+Input C
–V
S
+Input B
–Input B
Output B
C
B
A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DIS A
DIS B
DIS C
+V
S
+Input A
–Input A
Output A
NC
Output C
–Input C
+Input C
–V
S
+Input B
–Input B
Output B
NC
C
B
A
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com