Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA685 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA685
Description  Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA685 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA685 Datasheet HTML 8Page - Texas Instruments OPA685 Datasheet HTML 9Page - Texas Instruments OPA685 Datasheet HTML 10Page - Texas Instruments OPA685 Datasheet HTML 11Page - Texas Instruments OPA685 Datasheet HTML 12Page - Texas Instruments OPA685 Datasheet HTML 13Page - Texas Instruments OPA685 Datasheet HTML 14Page - Texas Instruments OPA685 Datasheet HTML 15Page - Texas Instruments OPA685 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
OPA3684
12
SBOS241C
www.ti.com
APPLICATIONS INFORMATION
LOW-POWER, CURRENT-FEEDBACK OPERATION
The triple-channel OPA3684 gives a new level of perfor-
mance in low-power, current-feedback op amps. Using a
new input stage buffer architecture, the OPA3684 CFBPLUS
amplifier holds nearly constant AC performance over a wide
gain range. This closed-loop internal buffer gives a very low
and linearized impedance at the inverting node, isolating the
amplifier’s AC performance from gain element variations.
This allows both the bandwidth and distortion to remain
nearly constant over gain, moving closer to the ideal current-
feedback performance of gain bandwidth independence.
This low-power amplifier also delivers exceptional output
power—it’s
±4V swing on ±5V supplies with > 100mA output
drive gives excellent performance into standard video loads
or doubly-terminated 50
Ω cables. Single +5V supply opera-
tion is also supported with similar bandwidths but with re-
duced output power capability. For lower quiescent power in
a CFBPLUS amplifier, consider the OPA683 family; while for
higher output power, consider the OPA691 family.
Figure 1 shows the DC-coupled, gain of +2, dual power-
supply circuit used as the basis of the
±5V Electrical and
Typical Characteristics for each channel. For test purposes,
the input impedance is set to 50
Ω with a resistor to ground
and the output impedance is set to 50
Ω with a series output
resistor. Voltage swings reported in the Electrical Character-
istics are taken directly at the input and output pins while load
powers (dBm) are defined at a matched 50
Ω load. For
the circuit of Figure 1, the total effective load will be
100
Ω || 1600Ω = 94Ω. Gain changes are most easily accom-
plished by simply resetting the RG value, holding RF constant
at its recommended value of 800
Ω.
mode signal across the input stage, the slew rate for inverting
operation is typically higher and the distortion performance is
slightly improved. An additional input resistor, RM, is included
in Figure 2 to set the input impedance equal to 50
Ω. The
parallel combination of RM and RG set the input impedance.
As the desired gain increases for the inverting configuration,
RG is adjusted to achieved the desired gain, while RM is also
adjusted to hold a 50
Ω input match. A point will be reached
where RG will equal 50Ω, RM is removed, and the input match
is set by RG only. With RG fixed to achieve an input match to
50
Ω, increasing R
F will increase the gain. This will, however,
quickly reduce the achievable bandwidth as the feedback
resistor increases from its recommended value of 800
Ω. If
the source does not require an input match to 50
Ω, either
adjust RM to get the desired load, or remove it and let the RG
resistor alone provide the input load.
R
F
800
Ω
1/3
OPA3684
+5V
–5V
50
Ω
R
M
50
Ω
R
G
800
Ω
50
Ω Source
50
Ω Load
V
I
0.1
µF
6.8
µF
0.1
µF
6.8
µF
+
+
DIS
FIGURE 1. DC-Coupled, G = +2V/V, Bipolar Supply Speci-
fications and Test Circuit.
FIGURE 2. DC-Coupled, G = –1V/V, Bipolar Supply Specifi-
cations and Test Circuit.
Figure 2 shows the DC-coupled, gain of –1V/V, dual power-
supply circuit used as the basis of the Inverting Typical
Characteristics for each channel. Inverting operation offers
several performance benefits. Since there is no common-
These circuits show
±5V operation. The same circuits can be
applied with bipolar supplies from
±2.5V to ±6V. Internal
supply independent biasing gives nearly the same perfor-
mance for the OPA3684 over this wide range of supplies.
Generally, the optimum feedback resistor value (for nomi-
nally flat frequency response at G = +2) will increase in value
as the total supply voltage across the OPA3684 is reduced.
See Figure 3 for the AC-coupled, single +5V supply, gain of
+2V/V circuit configuration used as a basis for the +5V only
Electrical and Typical Characteristics for each channel. The
key requirement of broadband single-supply operation is to
maintain input and output signal swings within the usable
voltage ranges at both the input and the output. The circuit
of Figure 3 establishes an input midpoint bias using a simple
resistive divider from the +5V supply (two 10k
Ω resistors) to
the noninverting input. The input signal is then AC-coupled
into this midpoint voltage bias. The input voltage can swing
to within 1.25V of either supply pin, giving a 2.5Vp-p input
signal range centered between the supply pins. The input
impedance of Figure 3 is set to give a 50
Ω input match. If the
source does not require a 50
Ω match, remove this and drive
R
F
800
Ω
1/3
OPA3684
+5V
–5V
50
Ω
R
M
53.6
Ω
R
G
800
Ω
50
Ω Load
50
Ω Source
0.1
µF
6.8
µF
0.1
µF
6.8
µF
+
+
V
I
DIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com