Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA541AP Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA541AP
Description  OPA541 High Power Monolithic Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA541AP Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA541AP Datasheet HTML 5Page - Texas Instruments OPA541AP Datasheet HTML 6Page - Texas Instruments OPA541AP Datasheet HTML 7Page - Texas Instruments OPA541AP Datasheet HTML 8Page - Texas Instruments OPA541AP Datasheet HTML 9Page - Texas Instruments OPA541AP Datasheet HTML 10Page - Texas Instruments OPA541AP Datasheet HTML 11Page - Texas Instruments OPA541AP Datasheet HTML 12Page - Texas Instruments OPA541AP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
∆RCL =
x (T – 25)
–2mV
| ILIM |
(AM, BM, SM)
RCL =
– 0.057
(AP)
RCL =
– 0.02
0.809
| ILIM |
0.813
| ILIM |
OPA541
www.ti.com
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The OPA541 is specified for operation from 8 V to 80 V (±4 V to ±40 V). Specifications apply over the –40°C to
85°C temperature range while the device operates from –40°C to 125°C. Parameters that can exhibit significant
variance with regard to operating voltage or temperature are presented in Typical Characteristics.
8.1.1 Current Limit
Internal current limit circuitry is controlled by a single external resistor, RCL. Output load current flows through this
external resistor. The current limit is activated when the voltage across this resistor is approximately a base-
emitter turnon voltage. The value of the current limit resistor is calculated by Equation 1.
(1)
Because of the internal structure of the OPA541, the actual current limit depends on whether current is positive
or negative. The above RCL gives an average value. For a given RCL, +IOUT will actually be limited at
approximately 10% below the expected level, while –IOUT will be limited approximately 10% above the expected
level.
The current limit value decreases with increasing temperature due to the temperature coefficient of a base-
emitter junction voltage. Similarly, the current limit value increases at low temperatures. Current limit versus
resistor value and temperature effects are shown in Typical Characteristics. Approximate values for RCL at other
temperatures may be calculated by adjusting RCL shown in Equation 2.
(2)
The adjustable current limit can be set to provide protection from short circuits. The safe short-circuit current
depends on power supply voltage. See the discussion on safe operating area in Safe Operating Area to
determine the proper current limit value.
Because the full load current flows through RCL, it must be selected for sufficient power dissipation. For a 5-A
current limit on the TO-3 package, the formula yields an RCL of 0.105 Ω (0.143 Ω on the power plastic package
due to different internal resistances). A continuous 5 A through 0.105
Ω would require an RCL that can dissipate
2.625 W.
Sinusoidal outputs create dissipation according to RMS load current. For the same RCL, AC peaks would still be
limited to 5 A, but RMS current would be 3.5 A, and a current-limiting resistor with a lower power rating could be
used. Some applications (such as voice amplification) are assured of signals with much lower duty cycles,
allowing a current resistor with a low power rating. Wire-wound resistors may be used for RCL. Some wire-wound
resistors, however, have excessive inductance and may cause loop-stability problems. Evaluate circuit
performance with the resistor type planned for production to assure proper circuit operation.
8.1.2 Heat Sinking
Power amplifiers are rated by case temperature, not ambient temperature as with signal operational amplifiers.
Sufficient heat sinking must be provided to keep the case temperature within rated limits for the maximum
ambient temperature and power dissipation. The thermal resistance of the heat sink required may be calculated
by Equation 3.
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com