Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA541AP Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA541AP
Description  OPA541 High Power Monolithic Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA541AP Datasheet(HTML) 1 Page - Texas Instruments

  OPA541AP Datasheet HTML 1Page - Texas Instruments OPA541AP Datasheet HTML 2Page - Texas Instruments OPA541AP Datasheet HTML 3Page - Texas Instruments OPA541AP Datasheet HTML 4Page - Texas Instruments OPA541AP Datasheet HTML 5Page - Texas Instruments OPA541AP Datasheet HTML 6Page - Texas Instruments OPA541AP Datasheet HTML 7Page - Texas Instruments OPA541AP Datasheet HTML 8Page - Texas Instruments OPA541AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Current
Sense
Output
Drive
R
CL
+In
–In
External
+V
S
–V
S
V
O
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA541
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
OPA541 High Power Monolithic Operational Amplifier
1 Features
3 Description
The OPA541 device is a power-operational amplifier
1
•
Power Supplies to ±40 V
capable of operation from power supplies up to
•
Output Current to 10-A Peak
±40 V, and delivering continuous output currents up
•
Programmable Current Limit
to 5 A. Internal current-limit circuitry can be user-
programmed with a single external resistor, protecting
•
Industry-Standard Pinout
the amplifier and load from fault conditions. The
•
FET Input
OPA541 devices fabricated are using a proprietary
•
TO-3 and Low-Cost Power Plastic Packages
bipolar and FET process.
The OPA541 uses a single current-limit resistor to set
2 Applications
both
the
positive
and
negative
current
limits.
•
Motor Drivers
Applications currently using hybrid power amplifiers
requiring two current-limit resistors do need not to be
•
Servo Amplifiers
modified.
•
Synchro Excitation
The OPA541 is available in an 11-pin power plastic
•
Audio Amplifiers
package
and
an
industry-standard
8-pin
TO-3
•
Programmable Power Supplies
hermetic package. The power plastic pachage has a
copper-lead frame to maximize heat transfer. The
TO-3 package is isolated from all circuitry, allowing it
to be mounted directly to a heat sink without special
insulators.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA541
TO-220 (11)
10.70 mm × 20.02 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA541AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA541AP BURR-BROWN-OPA541AP Datasheet
104Kb / 8P
High Power Monolithic OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA541AP TI1-OPA541AP Datasheet
459Kb / 22P
High Power Monolithic Operational Amplifier
OPA541APG3 TI1-OPA541APG3 Datasheet
459Kb / 22P
High Power Monolithic Operational Amplifier
More results

Similar Description - OPA541AP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6313 NSC-LM6313 Datasheet
246Kb / 10P
High Power Operational Amplifier
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
High Power Monolithic OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
MONOLITHIC OPERATIONAL AMPLIFIER
logo
Cirrus Logic
CPA241 APEX-CPA241 Datasheet
114Kb / 1P
HIGH POWER OPERATIONAL AMPLIFIER
CPA241 CIRRUS-CPA241 Datasheet
163Kb / 2P
High Power Operational Amplifier
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Texas Instruments
OPA541 TI1-OPA541 Datasheet
459Kb / 22P
High Power Monolithic Operational Amplifier
logo
Anaren Microwave
MSK115 ANAREN-MSK115 Datasheet
378Kb / 7P
HIGH POWER OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com