Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602APT Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1602APT
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602APT Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1602APT Datasheet HTML 2Page - Texas Instruments PCM1602APT Datasheet HTML 3Page - Texas Instruments PCM1602APT Datasheet HTML 4Page - Texas Instruments PCM1602APT Datasheet HTML 5Page - Texas Instruments PCM1602APT Datasheet HTML 6Page - Texas Instruments PCM1602APT Datasheet HTML 7Page - Texas Instruments PCM1602APT Datasheet HTML 8Page - Texas Instruments PCM1602APT Datasheet HTML 9Page - Texas Instruments PCM1602APT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
37
VCC3
AGND3
VCC4
AGND4
NC
AGND6
VCC5
AGND5
NC
VCOM
VOUT1
VOUT2
25
24
RST
SCKI
SCKO
BCK
LRCK
TEST
VDD
DGND
DATA1
DATA2
DATA3
ZEROA
38
23
39
22
40
21
41
20
42
19
43
18
44
17
45
16
46
15
47
14
48
13
12
26
11
27
10
28
9
29
8
30
7
31
6
32
5
33
4
34
3
35
2
36
1
PT PACKAGE
(TOP VIEW)
P0028-04
PCM1602A
PCM1602A
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND1
27
–
Analog ground
AGND2
25
–
Analog ground
AGND3
23
–
Analog ground
AGND4
21
–
Analog ground
AGND5
17
–
Analog ground
AGND6
19
–
Analog ground
BCK
40
I
Shift clock input for serial audio data. Clock must be one of 32 fS, 48 fS, or 64 fS.
(1)
DATA1
45
I
Serial audio data input for VOUT1 and VOUT2
(1)
DATA2
46
I
Serial audio data input for VOUT3 and VOUT4
(1)
DATA3
47
I
Serial audio data input for VOUT5 and VOUT6
(1)
DGND
44
–
Digital ground
LRCK
41
I
Left and right clock input. This clock is equal to the sampling rate, fS.
(1)
MC
35
I
Shift clock for serial control port (2)
MDI
34
I
Serial data input for serial control port (2)
MDO
33
O
Serial data output for serial control port (3)
ML
36
I
Latch enable for serial control port (2)
(1)
Schmitt-trigger input, 5-V tolerant
(2)
Schmitt-trigger input with internal pulldown, 5-V tolerant
(3)
3-state output
6
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com