Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602APT Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1602APT
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602APT Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1602APT Datasheet HTML 5Page - Texas Instruments PCM1602APT Datasheet HTML 6Page - Texas Instruments PCM1602APT Datasheet HTML 7Page - Texas Instruments PCM1602APT Datasheet HTML 8Page - Texas Instruments PCM1602APT Datasheet HTML 9Page - Texas Instruments PCM1602APT Datasheet HTML 10Page - Texas Instruments PCM1602APT Datasheet HTML 11Page - Texas Instruments PCM1602APT Datasheet HTML 12Page - Texas Instruments PCM1602APT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
f − Frequency − kHz
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0
2
4
6
8
10
12
14
G005
f − Frequency − kHz
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
12
14
G006
f − Frequency − kHz
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0
2
4
6
8
10
12
14
16
18
20
G007
f − Frequency − kHz
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
12
14
16
18
20
G008
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
TYPICAL PERFORMANCE CURVES (continued)
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit input data, unless
otherwise noted
Digital Filter (De-Emphasis Curves)
DE-EMPHASIS
DE-EMPHASIS ERROR
(fS = 32 kHz)
(fS = 32 kHz)
Figure 5.
Figure 6.
DE-EMPHASIS
DE-EMPHASIS ERROR
(fS = 44.1 kHz)
(fS = 44.1 kHz)
Figure 7.
Figure 8.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com