Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602APT.B Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1602APT.B
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602APT.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1602APT.B Datasheet HTML 18Page - Texas Instruments PCM1602APT.B Datasheet HTML 19Page - Texas Instruments PCM1602APT.B Datasheet HTML 20Page - Texas Instruments PCM1602APT.B Datasheet HTML 21Page - Texas Instruments PCM1602APT.B Datasheet HTML 22Page - Texas Instruments PCM1602APT.B Datasheet HTML 23Page - Texas Instruments PCM1602APT.B Datasheet HTML 24Page - Texas Instruments PCM1602APT.B Datasheet HTML 25Page - Texas Instruments PCM1602APT.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
PCM1602A
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
www.ti.com
Reserved Registers
Register 0 is reserved for factory use. To ensure proper operation, the user should not write to or read from
these registers.
Register Map
The mode control register map is shown in Table 4. Each register includes an R/W bit that determines whether a
register read R/W = 1) or write R/W = 0) operation is performed. Each register also includes an index (or
address) indicated by the IDX[6:0] bits.
Table 4. Mode Control Register Map
IDX
(B14–
B8)
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
01h
1
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
02h
2
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
03h
3
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT37
AT36
AT35
AT34
AT33
AT32
AT31
AT30
04h
4
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT47
AT46
AT45
AT44
AT43
AT42
AT41
AT40
05h
5
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT57
AT56
AT55
AT54
AT53
AT52
AT51
AT50
06h
6
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT67
AT66
AT65
AT64
AT63
AT62
AT61
AT60
RSV(1
RSV(1
07h
7
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
MUT6
MUT5
MUT4
MUT3
MUT2
MUT1
)
)
RSV(1
RSV(1
08h
8
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
)
)
RSV(1
RSV(1
09h
9
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
FLT
CLKD
CLKE
FMT2
FMT1
FMT0
)
)
RSV(1
0Ah
10
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
ZREV
DREV
DMF1
DMF0
DMC
DMC
DMC
)
0Bh
11
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
INC
REG6
REG5
REG4
REG3
REG2
REG1
REG0
0Ch
12
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
OVER
GPOE
GPO6
GPO5
GPO4
GPO3
GPO2
GPO1
(1)
Reserved for test operation. It should be set to 0 during normal operation.
22
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com