Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602APT.B Datasheet(PDF) 39 Page - Texas Instruments

Part # PCM1602APT.B
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602APT.B Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM1602APT.B Datasheet HTML 35Page - Texas Instruments PCM1602APT.B Datasheet HTML 36Page - Texas Instruments PCM1602APT.B Datasheet HTML 37Page - Texas Instruments PCM1602APT.B Datasheet HTML 38Page - Texas Instruments PCM1602APT.B Datasheet HTML 39Page - Texas Instruments PCM1602APT.B Datasheet HTML 40Page - Texas Instruments PCM1602APT.B Datasheet HTML 41Page - Texas Instruments PCM1602APT.B Datasheet HTML 42Page - Texas Instruments PCM1602APT.B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
S/PDIF
Receiver
Evaluation Board
DEM-DAI1602A
PCM1602A(1)
2nd-Order
Low-Pass
Filter
Band Limit
A-Weight
Filter(1)
Analyzer
and
Display
Digital
Generator
S/PDIF
Output
0% Full-Scale,
Dither Off (SNR)
–60 dB FS,
1-kHz Sine Wave
(Dynamic Range)
rms Mode
HPF = 22 Hz
LPF = 22 kHz
Option = A-Weighting(2)
B0063-04
f–3 dB = 54 kHz
fC = 1 kHz
Notch Filter
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
DYNAMIC RANGE
Dynamic range is specified as A-weighted THD+N measured with a –60-dBFS, 1-kHz digital sine wave stimulus
at the input of the DAC. This measurement is designed to give a good indication of how the DAC performs, given
a low-level input signal.
The measurement setup for the dynamic range measurement is shown in Figure 40, and is similar to the THD+N
test setup discussed previously. The differences include the band-limit filter selection, the additional A-weighting
filter, and the –60-dBFS input level.
(1)
Infinite-zero-detect mute disabled
(2)
Results without A-weighting are approximately 3 dB worse.
Figure 40. Test Setup for Dynamic Range and SNR Measurements
IDLE-CHANNEL SIGNAL-TO-NOISE RATIO
The SNR test provides a measure of the noise of the DAC. The input to the DAC is in all-0s data, and the DAC
infinite-zero-detect mute function must be disabled (default condition at power up for the PCM1602A). This
ensures that the delta-sigma modulator output is connected to the output amplifier circuit so that idle tones (if
present) can be observed at the output. The dither function of the digital signal generator must also be disabled
to ensure an all-0s data stream at the input of the DAC.
The measurement setup for SNR is identical to that used for dynamic range, with the exception of the input
signal level (see the notes provided in Figure 40).
DIFFERENCES BETWEEN THE PCM1602APTR AND PCM1602AMPTR
While the two devices are identical, the key difference between both orderable versions is the physical
orientation of the devices in the reel. See the appended Package Materials Information sheet for more details on
the orientation of the devices in the reels. When changing the orderable part number, remember to update the
tooling program to compensate for the different orientation.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com