Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1609APT Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM1609APT
Description  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1609APT Datasheet HTML 19Page - Texas Instruments PCM1609APT Datasheet HTML 20Page - Texas Instruments PCM1609APT Datasheet HTML 21Page - Texas Instruments PCM1609APT Datasheet HTML 22Page - Texas Instruments PCM1609APT Datasheet HTML 23Page - Texas Instruments PCM1609APT Datasheet HTML 24Page - Texas Instruments PCM1609APT Datasheet HTML 25Page - Texas Instruments PCM1609APT Datasheet HTML 26Page - Texas Instruments PCM1609APT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
www.ti.com
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 7
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
MUT6
MUT5
MUT4
MUT3
MUT2
MUT1
REGISTER 18
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
RSV
RSV
MUT8
MUT7
R/W – Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
MUTx – Soft Mute Control
Where x = 1 through 8, corresponding to the DAC output VOUTx.
These bits are read/write.
Default value: 0
MUTx = 0
Mute disabled (default)
MUTx = 1
Mute enabled
The mute bits, MUT1 through MUT8, are used to enable or disable the soft mute function for the corresponding
DAC outputs, VOUT1 through VOUT8. The soft mute function is incorporated into the digital attenuators. When
mute is disabled (MUTx = 0), the attenuator and DAC operate normally. When mute is enabled by setting
MUTx = 1, the digital attenuator for the corresponding output is decreased from the current setting to the infinite
attenuation setting, one attenuator step (0.5 dB) at a time. This provides a quiet, pop-free muting of the DAC
output. On returning from soft mute, by setting MUTx = 0, the attenuator is increased one step at a time to the
previously programmed attenuation level.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 8
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
REGISTER 19
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
RSV
RSV
DAC8
DAC7
R/W – Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
DACx – DAC Operation Control
Where x = 1 through 8, corresponding to the DAC output VOUTx.
These bits are read/write.
Default value: 0
DACx = 0
DAC operation enabled (default)
DACx = 1
DAC operation disabled
The DAC operation controls are used to enable and disable the DAC outputs, VOUT1 through VOUT8. When
DACx = 0, the output amplifier input is connected to the DAC output. When DACx = 1, the output amplifier input
is switched to the dc common-mode voltage (VCOM), equal to VCC/2.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com