Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1609APT Datasheet(PDF) 39 Page - Texas Instruments

Part # PCM1609APT
Description  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM1609APT Datasheet HTML 35Page - Texas Instruments PCM1609APT Datasheet HTML 36Page - Texas Instruments PCM1609APT Datasheet HTML 37Page - Texas Instruments PCM1609APT Datasheet HTML 38Page - Texas Instruments PCM1609APT Datasheet HTML 39Page - Texas Instruments PCM1609APT Datasheet HTML 40Page - Texas Instruments PCM1609APT Datasheet HTML 41Page - Texas Instruments PCM1609APT Datasheet HTML 42Page - Texas Instruments PCM1609APT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
www.ti.com
S/PDIF
Receiver
Evaluation Board
DEM-DAI1609A
PCM1609A(1)
2nd-Order
Low-Pass
Filter
Band Limit
A-Weight
Filter(1)
Analyzer
and
Display
Digital
Generator
S/PDIF
Output
0% Full-Scale,
Dither Off (SNR)
–60 dB FS,
1-kHz Sine Wave
(Dynamic Range)
rms Mode
HPF = 22 Hz
LPF = 22 kHz
Option = A-Weighting(2)
B0063-03
f–3 dB = 54 kHz
fC = 1 kHz
Notch Filter
IDLE-CHANNEL SIGNAL-TO-NOISE RATIO (SNR)
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
(1)
Infinite-zero-detect mute disabled
(2)
Results without A-weighting are approximately 3 dB worse.
Figure 40. Test Setup for Dynamic Range and SNR Measurements
The SNR test provides a measure of the noise of the DAC. The input to the DAC is in all-0s data, and the DAC
infinite-zero-detect mute function must be disabled (default condition at power up for the PCM1609A). This
ensures that the delta-sigma modulator output is connected to the output amplifier circuit so that idle tones (if
present) can be observed at the output. The dither function of the digital signal generator must also be disabled
to ensure an all-0s data stream at the input of the DAC.
The measurement setup for SNR is identical to that used for dynamic range, with the exception of the input
signal level (see the notes in Figure 40).
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com