Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1680 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1680 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1680 Datasheet HTML 24Page - Texas Instruments PCM1680 Datasheet HTML 25Page - Texas Instruments PCM1680 Datasheet HTML 26Page - Texas Instruments PCM1680 Datasheet HTML 27Page - Texas Instruments PCM1680 Datasheet HTML 28Page - Texas Instruments PCM1680 Datasheet HTML 29Page - Texas Instruments PCM1680 Datasheet HTML 30Page - Texas Instruments PCM1680 Datasheet HTML 31Page - Texas Instruments PCM1680 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ANALOG OUTPUTS
VCOM OUTPUT
–
VOUTX
PCM1680
A
V + *
R
2
R
1
VCOM
OPA2134
+
VCC
2
3
1
C1
R3
R2
C2
R1
C3
10
µF
+
S0056-01
R4
R5
+
OPA337
−
To Additional
Low-Pass
Filter Circuits
PCM1680
SLES133B – MARCH 2005 – REVISED OCTOBER 2008.................................................................................................................................................. www.ti.com
The PCM1680 includes eight independent output channels, VOUT1 through VOUT8. These channels are
unbalanced outputs, each capable of driving 3.9 VPP typical into a 5-kΩ ac load with VCC = 5 V. The internal
output amplifiers for VOUT1 through VOUT8 are biased to the dc common voltage, equal to 0.5 × VCC.
The output amplifiers include an RC continuous-time filter, which helps to reduce the out-of-band noise energy
present at the DAC outputs due to the noise-shaping characteristics of the PCM1680
ΔΣ DACs. The frequency
response of this filter is shown in Figure 11. By itself, this filter is not enough to attenuate the out-of-band noise
to an acceptable level for most applications. An external low-pass filter is required to provide sufficient
out-of-band noise rejection. Further discussion of DAC post-filter circuits is provided in the Application
Information section of this data sheet.
One unbuffered common voltage output pin, VCOM (pin 25), is brought out for decoupling purposes. This pin is
nominally biased to the dc common voltage, equal to VCC/2. If this pin is to be used to bias external circuitry, a
voltage follower is required for buffering purposes. Figure 31 shows an example of using the VCOM pin for
external biasing applications.
Figure 31. Single-Supply Filter Circuit Using VCOM for External Biasing Applications
28
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com