Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1680 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1680 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1680 Datasheet HTML 8Page - Texas Instruments PCM1680 Datasheet HTML 9Page - Texas Instruments PCM1680 Datasheet HTML 10Page - Texas Instruments PCM1680 Datasheet HTML 11Page - Texas Instruments PCM1680 Datasheet HTML 12Page - Texas Instruments PCM1680 Datasheet HTML 13Page - Texas Instruments PCM1680 Datasheet HTML 14Page - Texas Instruments PCM1680 Datasheet HTML 15Page - Texas Instruments PCM1680 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
SYSTEM CLOCK INPUT
tw(SCKH)
System Clock
tw(SCKL)
2 V
0.8 V
H
L
System Clock
Pulse Cycle
Time(1)
T0005A08
PCM1680
SLES133B – MARCH 2005 – REVISED OCTOBER 2008.................................................................................................................................................. www.ti.com
The PCM1680 requires a system clock for operating the digital interpolation filters and multilevel
ΔΣ modulators.
The system clock is applied at the SCK (pin 5) input. Table 1 shows examples of system clock frequencies for
common audio sampling rates.
Figure 20 shows the timing requirements for the system clock input. For optimal performance, it is important to
use a clock source with low phase jitter and noise. Texas Instruments’ PLL170x multi-clock generator is an
excellent choice for providing the PCM1680 system clock source.
Table 1. System Clock Frequencies for Common Audio Sampling Frequencies
SAMPLING
SYSTEM CLOCK FREQUENCY (fSCK), MHz
FREQUENCY
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
1152 fS
8 kHz
1.024
1.536
2.048
3.072
4.096
6.144
9.216
16 kHz
2.048
3.072
4.096
6.144
8.192
12.288
18.432
32 kHz
4.096
6.144
8.192
12.288
16.384
24.576
36.864
44.1 kHz
5.6448
8.4672
11.2896
16.9344
22.5792
33.8688
—(1)
48 kHz
6.144
9.216
12.288
18.432
24.576
36.864
—(1)
88.2 kHz
11.2896
16.9344
22.5792
33.8688
—(1)
—(1)
—(1)
96 kHz
12.288
18.432
24.576
36.864
—(1)
—(1)
—(1)
192 kHz
24.576
36.864
—(1)
—(1)
—(1)
—(1)
—(1)
(1)
This system clock frequency is not supported for the given sampling frequency.
(1) 1/128 fS, 1/192 fS, 1/256 fS, 1/384 fS, 1/512 fS, 1/768 fS, or 1/1152 fS.
PARAMETER
MIN
MAX
UNIT
tw(SCKH)
System clock pulse duration, HIGH
7
ns
tw(SCKL)
System clock pulse duration, LOW
7
ns
Figure 20. System Clock Timing
12
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com