Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1723E/2K Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1723E/2K
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1723E/2K Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1723E/2K Datasheet HTML 2Page - Texas Instruments PCM1723E/2K Datasheet HTML 3Page - Texas Instruments PCM1723E/2K Datasheet HTML 4Page - Texas Instruments PCM1723E/2K Datasheet HTML 5Page - Texas Instruments PCM1723E/2K Datasheet HTML 6Page - Texas Instruments PCM1723E/2K Datasheet HTML 7Page - Texas Instruments PCM1723E/2K Datasheet HTML 8Page - Texas Instruments PCM1723E/2K Datasheet HTML 9Page - Texas Instruments PCM1723E/2K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PCM1723
6
SBAS057A
www.ti.com
TYPICAL CONNECTION DIAGRAM
Figure 1 illustrates the typical connection diagram for the
PCM1723 in an MPEG-2 application. The 27MHz master
video clock (fM) drives XTI (pin 1) of the PCM1723. A
programmable system clock is generated by the PCM1723
PLL, with SCKO used to drive the MPEG-2 decoder system
clock input. The standard audio signals (data, bit clock, and
word clock) are generated in the decoder from the PCM1723
system clock, providing synchronization of audio and video
signals.
PLL CIRCUIT
The PCM1723 has a programmable internal PLL circuit, as
shown in Figure 2. The PLL is designed to accept a 27MHz
master clock or crystal oscillator and generate all internal
system clocks required to operate the digital filter and
∆Σ
modulator, either at 256fS or 384fS. If an external master clock
is used, XTO must be connected to GND. In both cases, the
signal amplitude on XTI must satisfy the specification de-
scribed in Figure 3. Therefore, careful C1 and C2 determi-
nation is required to keep this specification satisfied when
FIGURE 1. Connection Diagram for External Master Clock in a Typical MPEG-2 Application.
Oscillator
XTO
XTI
MCKO
PLL Generated
System Clock Out
Frequency
Selection ROM
Phase Detector
and Loop Filter
VCO
Sampling Frequency Selection
256f
S/384fS Selection
N Counter
M Counter
24
1
5
2
FIGURE 2. PLL Block Diagram.
FIGURE 3. XTI Input Timing.
t
CH
XTI
1/27MHz
t
CL
1.2V
t
CH: 10ns (min)
t
CL: 15ns (min)
I
IH (VIH = VDD) : 4mA max
I
IL (VIL = 0) : 700µA max
0.4V
DIN
BCKIN
LRCIN
SCKO
SERO
SCKO
LRCKO
SYSCKI
XTI
17
16
18
2
6
7
8
9
ML
MC
MD
RSTB
14
XTO
23
22
21
3
11
15
10
1
24
27MHz CLK OUT
+
10
µF
Post
LPF
Post
LPF
Analog
Mute
Analog
Mute
STRB
SCKO
SDO
PIO
System
Controller
Rch Analog Out
Lch Analog Out
12
13
Audio
Decoder
Buffer
256/384f
S
AGND
PGND DGND
V
CC
+5V Analog
+5V Analog
V
DD
V
CP
V
OUTL
V
OUTR
ZERO
CAP
PCM1723
Master
PLL
SCR(1)
or
PCR
NOTE: (1) SCR: System Clock Reference
PCR: Program Clock Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com