Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1723E/2K Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1723E/2K
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1723E/2K Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1723E/2K Datasheet HTML 4Page - Texas Instruments PCM1723E/2K Datasheet HTML 5Page - Texas Instruments PCM1723E/2K Datasheet HTML 6Page - Texas Instruments PCM1723E/2K Datasheet HTML 7Page - Texas Instruments PCM1723E/2K Datasheet HTML 8Page - Texas Instruments PCM1723E/2K Datasheet HTML 9Page - Texas Instruments PCM1723E/2K Datasheet HTML 10Page - Texas Instruments PCM1723E/2K Datasheet HTML 11Page - Texas Instruments PCM1723E/2K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PCM1723
8
SBAS057A
www.ti.com
FIGURE 7. Audio Data Input Timing.
using a crystal oscillator. The PLL will directly track any
variations in the master clock frequency, and jitter on the
system clock is specified at 250ps maximum. Figure 3 illus-
trates the timing requirements for the 27MHz master clock.
Figure 4 illustrates the system clock connections for an
external clock or crystal oscillator.
The PCM1723 internal PLL can be programmed for nine
different sampling frequencies (LRCIN), as shown in Table
I. The internal sampling clocks generated by the various
programmed frequencies are shown in Table II. The system
clock output frequency for the PCM1723 is 100% accurate.
To provide MCKO clock and SCKO clock for external
circuit, external buffer circuit is effective to avoid degrading
audio performance.
SPECIAL FUNCTIONS
The PCM1723 includes several special functions, including
digital attenuation, digital de-emphasis, soft mute, data for-
mat selection and input word resolution. These functions are
controlled using a three-wire interface. MD (pin 8) is used
for the program data, MC (pin 7) is used to clock in the
program data, and ML (pin 6) is used to latch in the program
data. Table III lists the selectable special functions.
FUNCTION
DEFAULT MODE
Input Audio Data Format Selection
Normal Format
Normal Format
I2S Format
Input Audio Data Bit Selection
16/20/24 Bits
16 Bits
Input LRCIN Polarity Selection
Lch/Rch = High/Low
Lch/Rch = High/Low
Lch/Rch = Low/High
De-emphasis Control
OFF
Soft Mute Control
OFF
Attenuation Control
0dB
Lch, Rch Individually
Lch, Rch Individually Fixed
Lch, Rch Common
Infinite Zero Detection Circuit Control
OFF
Operation Enable (OPE)
Enabled
Sample Rate Selection
Internal System Clock Selection
256fS
384fS
384fS
Double Sampling Rate Selection
Standard Sampling Rate—44.1/48/32kHz
Standard Sampling Rate
Double Sampling Rate—88.2/96/32kHz
Half Sampling Rate—22.05/24/16kHz
Sampling Frequency
44.1kHz Group
44.1kHz
48kHz Group
32kHz Group
Analog Output Mode
L, R, Mono, Mute
Stereo
TABLE III. Selectable Functions.
Sampling Frequencies-LRCIN (kHz)
Half of Standard Sampling Freq
16
22.05
24
Standard Sampling Freq
32
44.1
48
Double of Standard Sampling Freq
64
88.2
96
TABLE I. Sampling Frequencies.
Sampling
Frequency
System Clock
System Clock
(LRCIN)
256fS
384fS
16kHz
Half
4.096MHz
6.144MHz
32kHz
Standard
8.192MHz
12.288MHz
64kHz
Double
16.384MHz
24.576MHz
22.05kHz
Half
5.6448MHz
8.4672MHz
44.1kHz
Standard
11.2896MHz
16.9344MHz
88.2kHz
Double
22.5792MHz
33.8688MHz
24kHz
Half
6.144MHz
9.216MHz
48kHz
Standard
12.288MHz
18.432MHz
96kHz
Double
24.576MHz
36.864MHz
TABLE II. Sampling Frequencies vs Internal System
Clock (= Output Frequencies of PLL).
LRCKIN
BCKIN
DIN
1.4V
1.4V
1.4V
t
BCH
t
BCL
t
LB
t
BL
t
DS
BCKIN Pulse Cycle Time
BCKIN Pulse Width High
BCKIN Pulse Width Low
BCKIN Rising Edge to LRCIN Edge
LRCIN Edge to BCKIN Rising Edge
DIN Set-up Time
DIN Hold Time
: t
BCY
: t
BCH
: t
BCL
: t
BL
: t
LB
: t
DS
: t
DH
: 100ns (min)
: 50ns (min)
: 50ns (min)
: 30ns (min)
: 30ns (min)
: 30ns (min)
: 30ns (min)
t
DH
t
BCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com