Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1723E/2K.B Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1723E/2K.B
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1723E/2K.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1723E/2K.B Datasheet HTML 9Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 10Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 11Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 12Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 13Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 14Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 15Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 16Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PCM1723
13
SBAS057A
www.ti.com
1024 system (= XTI) clocks
Reset
Reset Removal
2.6V
2.2V
1.8V
V
CC/VDD
Internal Reset
XTI Clock
FIGURE 14. RSTB-Pin Reset Timing.
1024 system (XTI) clocks
Reset
Reset Removal
XTI Clock
Internal Reset
RSTB
50% of V
DD
t
RST
(1)
NOTE: (1) t
RST = 20ns min
FIGURE 13. Internal Power-On Reset Timing.
FIGURE 15. Latch-up Prevention Circuit.
POWER SUPPLY
CONNECTIONS
The PCM1723 has three power supply connections: digital
(VDD), analog (VCC), and PLL (VCP). Each connection also
has a separate ground return pin. It is acceptable to use a
common +5V power supply for all three power pins. If
separate supplies are used without a common connection,
the delta between the supplies during ramp-up time must be
less than 0.6V. An application circuit to avoid a power-on
latch-up condition is shown in Figure 15.
BYPASSING POWER SUPPLIES
The power supplies should be bypassed as close as
possible to the unit. Refer to Figure 18 for optimal values of
bypass capacitors. It is also recommended to include a
0.1
µF ceramic capacitor in parallel with the 10µF tantalum
capacitor.
DGND
AGND
V
DD
V
CC
V
CP
Digital
Power Supply
Analog
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com