Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1723E/2K.B Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1723E/2K.B
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1723E/2K.B Datasheet(HTML) 3 Page - Texas Instruments

  PCM1723E/2K.B Datasheet HTML 1Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 2Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 3Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 4Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 5Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 6Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 7Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 8Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PCM1723
3
SBAS057A
www.ti.com
ELECTRICAL CHARACTERISTICS
All specifications at +25
°C, +V
CC = +VDD = +VCP = +5V, fS = 44.1kHz, and 16-bit input data, SYSCLK = 384fS, unless otherwise noted.
PCM1723
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
16
Bits
DATA FORMAT
Audio Data Interface Format
Standard/I2S Selectable
Data Bit Length
16/20/24 Selectable
Audio Data Format
MSB First, Binary Two’s Complement
Sampling Frequency (fS)
Standard fS
32
44.1
48
kHz
One-half fS
16
22.05
24
kHz
Double fS
64
88.2
96
kHz
PLL PERFORMANCE
Master Clock Input Frequency(4)
26.73
27
27.27
MHz
Master Clock Output Frequency
4.096
36.864
MHz
Generated SYSCLK Frequency
256fS/384fS
Output Logic Level
VOH
IOH = 2mA
VDD – 0.4
VDC
(MCKO, SCKO)
VOL
IOL = 4mA
0.5
VDC
Generated SYSCLK Jitter
Standard Dev
±150
ps
Generated SYSCLK Transient(1)
fM = 27MHz
20
ms
Power-Up Time
To Programmed Frequency
15
30
ms
Generated SYSCLK Duty Cycle
fM = 27MHz, CL = 15pF
40
50
60
%
DIGITAL INPUT LOGIC LEVEL
TTL
DYNAMIC PERFORMANCE(2)
THD+N at fS (0dB)
fs = 44.1kHz
–89
–80
dB
fs = 96kHz
–87
dB
THD+N at –60dB
fs = 44.1kHz
–31
dB
fs = 96kHz
–29
dB
Dynamic Range (EIAJ Method)
fs = 44.1kHz
90
94
dB
fs = 96kHz
91
dB
Signal-to-Noise Ratio(3) (EIAJ Method)
fs = 44.1kHz
90
96
dB
fs = 96kHz
95
dB
Channel Separation
fs = 44.1kHz
88
93
dB
DC ACCURACY
Gain Error
±1.0
±3.0
% of FSR
Gain Mismatch, Channel-to-Channel
±1.0
±2.0
% of FSR
Bipolar Zero Error
VOUT = VCC/2 at BPZ
±30
mV
ANALOG OUTPUT
Output Voltage
Full Scale (–0dB)
0.62 x VCC
VPP
Center Voltage
VCC/2
VDC
Load Impedance
AC Load
5
k
Ω
DIGITAL FILTER PERFORMANCE
Passband
0.445
fS
Stop Band
0.555
fS
Passband Ripple
±0.17
dB
Stop Band Attenuation
–35
dB
Delay Time
11.125/fS
sec
De-emphasis Error
–0.2
+0.55
dB
INTERNAL ANALOG FILTER
–3dB Bandwidth
100
kHz
Passband Response
f = 20kHz
–0.16
dB
POWER SUPPLY REQUIREMENTS
Voltage Range
VCC = VDD = VCP
4.5
5
5.5
VDC
Supply Current: ICC + IDD + ICP
fS = 44.1kHz
20
24
mA
TEMPERATURE RANGE
Operating
–25
+85
°C
Storage
–55
+100
°C
NOTES: (1) Sysclk transient is the maximum frequency lock time when the PLL frequency is changed.
(2) Dynamic performance specs are tested with 20kHz low pass filter and THD+N specs are tested with 30kHz LPF, 400Hz HPF, Average-Mode.
(3) SNR is tested at Infinite Zero Detection off.
(4) PLL evaluations tested with 1ns maximum jitter on the 27MHz input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com