Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDF-50PR Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DDF-50PR
Description  D-sub Connector, Cable side connector, 50 pos., Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DDF-50PR Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DDF-50PR Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DDF-50PR Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DDF-50PR Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Flag
  
Shell Size
D
Applicable Wire Size (mm2)
0.52 max.
Applicable Wire Size
  
Dielectric Withstanding
Voltage (VACr.m.s. 1minute)
1250
Insulation Resistance
(megaohm min.)
5000
Contact Resistance (milliohm
max.)
2.7
Operating Temperature Range
(deg. C)
-55 to +105
Shell Type
Floating type
Material of Insulator
Glass-filled Nylon (White)
Contact
With Contacts
Finish of Contact in Connecting
Area
Gold plating
Finish of Contact in PCB
Mounting Area
  
Mounting Method
  
Screw Lock Assembly
  
Existence of Ferrite
None
Applicable Contacts
  
Applicable Product Part
Numbers
  
Use with Accessories
  
Accessory Type
  
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
240 substances (23/01/2024)
Combination
DD-50S-T-NR
DD-50SA-J4R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com