Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDF-50PR Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DDF-50PR
Description  D-sub Connector, Cable side connector, 50 pos., Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DDF-50PR Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DDF-50PR Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DDF-50PR Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DDF-50PR Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DDF-50PR
Features
D-sub Connector, Cable side connector, 50 pos., Pin
Part Number
DDF-50PR
Status
Active
Number of Positions
50 pos.
Contact Pitch (mm)
  
Rated Current (A)
5
Rated Voltage (V)
  
Applicable Specifications
  
Waterproof/ Non-waterproof
  
Applications
  
Connector Type
Cable side connector
Connector Style
  
Contact Type
Pin
Wire Termination Style
Soldering
Applicable Wire Size (AWG)
#20 AWG max.
EMI Shielded
Not Applicable
PCB Mounting Style
  
Product Details


Similar Part No. - DDF-50PR

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDF-HJG DOMINANT-DDF-HJG Datasheet
868Kb / 13P
High brightness surface mount LED
DDF-HJG-WX1-1 DOMINANT-DDF-HJG-WX1-1 Datasheet
868Kb / 13P
High brightness surface mount LED
DDF-LJG DOMINANT-DDF-LJG Datasheet
1Mb / 18P
High brightness surface mount LED
DDF-MJG DOMINANT-DDF-MJG Datasheet
1Mb / 16P
High brightness surface mount LED
DDF-WJG-2X4X-1 DOMINANT-DDF-WJG-2X4X-1 Datasheet
1Mb / 16P
High brightness surface mount LED
More results

Similar Description - DDF-50PR

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-Y1202-R ASSMANN-AK-Y1202-R Datasheet
301Kb / 1P
CENTRONICS 50 PIN MALE TO D-SUB 50 PIN MALE
logo
PHOENIX CONTACT
2304649 PHOENIX-2304649 Datasheet
79Kb / 3P
Splitting cable (1 x 25-pos. D-SUB female connector to 2 x 14-pos.
2304652 PHOENIX-2304652 Datasheet
79Kb / 3P
Splitting cable (1 x 25-pos. D-SUB female connector to 2 x 14-pos.
logo
Japan Aviation Electron...
DC-37SA-NR JAE-DC-37SA-NR Datasheet
43Kb / 4P
D-sub Connector, PCB side connector, Right angle, Socket, 37 pos.
logo
CONEC Elektronische Bau...
164A17159X CONEC-164A17159X Datasheet
54Kb / 1P
D-SUB FEMALE HD POS. SOLDER PIN STRAIGHT
13.09.1996
logo
Japan Aviation Electron...
DELC-J9PAF-20L9E JAE-DELC-J9PAF-20L9E Datasheet
47Kb / 4P
D-Sub Connector, PCB side connector, Right angle, Pin, 9 pos.
DBU-25SF-F0 JAE-DBU-25SF-F0 Datasheet
46Kb / 4P
D-Sub Connector, 25 pos., Cable side connector
logo
Molex Electronics Ltd.
834219039 MOLEX-834219039 Datasheet
71Kb / 1P
CABLE ASSEMBLY CMD 9 POS SOCKET TO 9 POS D-SUB SOCKET
2012/03/03
834249062 MOLEX-834249062 Datasheet
155Kb / 2P
CABLE ASSEMBLY CMD 25 POS SOCKET TO 725 POS D-SUB PIN
05/04/21
logo
CONEC Elektronische Bau...
600X57009X CONEC-600X57009X Datasheet
63Kb / 1P
Plastic hood side cable exit, with jack screws 9 - 50 pos.
2002.28.02.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com