Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1740E/2K Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM1740E/2K
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1740E/2K Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1740E/2K Datasheet HTML 10Page - Texas Instruments PCM1740E/2K Datasheet HTML 11Page - Texas Instruments PCM1740E/2K Datasheet HTML 12Page - Texas Instruments PCM1740E/2K Datasheet HTML 13Page - Texas Instruments PCM1740E/2K Datasheet HTML 14Page - Texas Instruments PCM1740E/2K Datasheet HTML 15Page - Texas Instruments PCM1740E/2K Datasheet HTML 16Page - Texas Instruments PCM1740E/2K Datasheet HTML 17Page - Texas Instruments PCM1740E/2K Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
PCM1740
14
SBAS128B
www.ti.com
SYS
Audio System Clock (or SCKO)
The SYS bit is used to select the system clock (or SCKO) frequency, either 256fS or 384fS.
SYS = 0
384fS (default)
SYS = 1
256fS
DSR0
Sampling Frequency Multiplier
DSR1
The DSR0 and DSR1 bits are used to select the multiplier used in conjunction with the SF0 and SF1 bits.
DSR1
DSR0
Multiplier
0
0
Normal, x1 (default)
0
1
Double, x2
1
0
Half, x 1/ 2
1
1
Reserved
SF0
Sampling Frequency Select
SF1
The SF0 and SF1 bits are used to select the sampling frequency group (32kHz, 44.1kHz, or 48kHz). Frequency
selection must be made with an interval time greater than 20
µs. The DSR0 and DSR1 bits, described previously,
are used to select the multiplier.
SF1
SF0
Sampling Frequency Group
0
0
44.1kHz Group ( 22.05kHz, 44.1kHz, or 88.2kHz) (default)
0
1
48 kHz Group (24kHz, 48kHz, or 96kHz)
1
0
32 kHz Group (16kHz, 32kHz, or 64kHz)
1
1
Reserved
LD
Attenuation Data Load Control
The LD bit is used to simultaneously set the Left and Right digital attenuation data. When LD is set to ‘1’, the
digital attenuation data given by Registers 0 and 1 are loaded for the Left and Right channels. When LD is set
to ‘0’, updates to Registers 0 and 1 are ignored, and the attenuation settings remain as previously programmed
until LD is set to ‘1’.
LD = 0
Disabled
LD = 1
Enabled: Left and Right Attenuation Data Updated Simultaneously
IZD
Infinite Zero Detect Mute
The IZD bit is used to enable/disable the infinite zero detect mute function. The PCM1740 includes infinite zero
detection logic that monitors the audio data at the DATA input (pin 18). If the audio data for both the Left and
Right channels are all zeros for 65,536 continuous BCK clock cycles, the zero flag will be activated and output
amplifier will be disconnected from the output of the delta-sigma modulator. The output amplifier input is
switched to the DC common-mode voltage. This forces VOUTL and VOUTR to VCC/2. The ZERO output flag (pin
16) is not affected by the setting of this bit.
IZD = 0
Disabled (default)
IZD = 1
Enabled
OPE
DAC Operation Control
The OPE bit is used to enable/disable the operation of the DACs. When enabled, the DAC outputs are connected
to the output amplifier for normal operation. When disabled, the output amplifier is disconnected from the DAC
output and switched to the DC common-mode voltage. This forces VOUTL and VOUTR to VCC/2.
OPE = 0
Enabled: Normal Operation(default)
OPE = 1
Disabled: Outputs forced to VCC/2
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 4
res
res
res
res
res
1
0
0
res
res
res
res
res
OPE
IZD
LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com