Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1740E/2K Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM1740E/2K
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1740E/2K Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1740E/2K Datasheet HTML 8Page - Texas Instruments PCM1740E/2K Datasheet HTML 9Page - Texas Instruments PCM1740E/2K Datasheet HTML 10Page - Texas Instruments PCM1740E/2K Datasheet HTML 11Page - Texas Instruments PCM1740E/2K Datasheet HTML 12Page - Texas Instruments PCM1740E/2K Datasheet HTML 13Page - Texas Instruments PCM1740E/2K Datasheet HTML 14Page - Texas Instruments PCM1740E/2K Datasheet HTML 15Page - Texas Instruments PCM1740E/2K Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
PCM1740
12
SBAS128B
www.ti.com
REGISTER DEFINITIONS
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 0
res
res
res
res
res
0
0
0
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
Left Channel Attenuation Data
Default: AL[7:0] = FFHEX
Register 0 is used to set the digital attenuation level for the Left Channel. If the ATC bit in Register 3 is set to ‘1’, then these
data are also used to control the Right Channel attenuation. The attenuation level is defined by the following relationships:
Attenuation (dB) = 20 x log (AL[7:0]DEC ÷ 256), when AL[7:0] = 01HEX (1DEC) through FEHEX (254DEC)
Attenuation (dB) = –
∞ (or Mute), when AL[7:0] = 00
HEX
Attenuation (dB) = 0dB, when AL[7:0] = FFHEX
The Attenuation Load bit, LD, in Register 4 must be set to ‘1’ in order to update attenuation settings.
If LD is set to ‘0’, the attenuation remains at the previously programmed level, ignoring the new data until LD is set to ‘1’.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 1
res
res
res
res
res
0
0
1
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
Right Channel Attenuation Data
Default: AR[7:0] = FFHEX
Register 1 is used to set the digital attenuation level for the Right Channel. If the ATC bit in Register 3 is set to ‘1’, then the
Left Channel attenuation data in Register 1 are used to control the Right Channel attenuation. The attenuation level is defined
by the following relationships:
Attenuation (dB) = 20 x log (AR[7:0]DEC ÷ 256), when AR[7:0] = 01HEX (1DEC) through FEHEX (254DEC)
Attenuation (dB) = –
∞ (or Mute), when AR[7:0] = 00
HEX
Attenuation (dB) = 0dB, when AR[7:0] = FFHEX
The Attenuation Load bit, LD, in Register 4 must be set to ‘1’ in order to update attenuation settings.
If LD is set to ‘0’, the attenuation remains at the previously programmed level, ignoring the new data until LD is set to ‘1’.
MUT
Soft Mute Control
The MUT bit controls the soft mute function. Soft mute changes the digital attenuation level for both the Left
and Right channels, stepping from the currently programmed value to infinite attenuation one step per sample
period, or 1/fS. This provides a quiet muting of the outputs without audible noise.
MUT = 0
Soft Mute Disabled (default)
MUT = 1
Soft Mute Enabled
DEM
Digital De-Emphasis
The DEM bit controls the digital de-emphasis function, which is valid only for 32kHz, 44.1kHz,
and 48kHz sampling frequencies. The de-emphasis plots are shown in the Typical Characteristics section of this
data sheet.
DEM = 0
De-Emphasis OFF (default)
DEM = 1
De-Emphasis ON
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 2
res
res
res
res
res
0
1
0
PL3
PL2
PL1
PL0
IW1
IW0
DEM
MUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com