Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1741E/2K.B Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM1741E/2K.B
Description  3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1741E/2K.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1741E/2K.B Datasheet HTML 10Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 11Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 12Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 13Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 14Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 15Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 16Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 17Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
PCM1741
14
SBAS175
Register 20 (Cont.)
FLT
Digital Filter Roll-Off Control
Default Value: 0
FLT = 0
Sharp Roll-Off (default)
FLT = 1
Slow Roll-Off
The FLT bit allows the user to select the digital filter roll-off that is best suited to their application. Two
filter roll-off sections are available: Sharp or Slow. The filter responses for these selections are shown in
the Typical Performance Curves section of this data sheet.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 22
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
RSV
AZRO
ZREV
DREV
DREV
Output Phase Select
Default Value: 0
DREV = 0
Normal Output (default)
DREV = 1
Inverted Output
The DREV bit is used to set the output phase of VOUTL and VOUTR.
ZREV
Zero Flag Polarity Select
Default Value: 0
ZREV = 0
Zero Flag Pins HIGH at a Zero Detect (default)
ZREV = 1
Zero Flag Pins LOW at a Zero Detect
The ZREV bit allows the user to select the active polarity of Zero Flag pins.
AZRO
Zero Flag Function Select
Default Value: 0
AZRO = 0
L-/R-Channel Independent Zero Flag (default)
AZRO = 1
L-/R-Channel Common Zero Flag
Register22 (Cont.)
The AZRO bit allows the user to select the function of Zero Flag pins.
AZRO = 0:
Pin11: ZEROR; Zero Flag Output for R-Channel
Pin12: ZEROL; Zero Flag Output for L-Channel
AZRO = 1:
Pin11: ZEROA; Zero Flag Output for L-/R-Channel
Pin12: NA; No Assign



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com