Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1741E/2K.B Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1741E/2K.B
Description  3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1741E/2K.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1741E/2K.B Datasheet HTML 6Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 7Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 8Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 9Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 10Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 11Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 12Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 13Page - Texas Instruments PCM1741E/2K.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PCM1741
10
SBAS175
FIGURE 5. Control Data Word Format for MDI.
FIGURE 6. Register Write Operation.
SERIAL CONTROL INTERFACE
The serial control interface is a 3-wire serial port that
operates asynchronously to the serial audio interface. The
serial control interface is utilized to program the on-chip
mode registers. The control interface includes MD (pin 13),
MC (pin 14), and ML (pin 15). MD is the serial data input,
used to program the mode registers, MC is the serial bit
clock, used to shift data into the control port, and ML is the
control port latch clock.
REGISTER WRITE OPERATION
All write operations for the serial control port use 16-bit data
words. Figure 5 shows the control data word format. The
most significant bit must be a “0”. There are seven bits,
labeled IDX[6:0], that set the register index (or address) for
the write operation. The least significant eight bits, D[7:0],
contain the data to be written to the register specified by
IDX[6:0].
Figure 6 shows the functional timing diagram for writing the
serial control port. ML is held at a logic “1 ” state until a
register needs to be written. To start the register write cycle,
ML is set to logic “0”. Sixteen clocks are then provided on
MC, corresponding to the 16 bits of the control data word on
MD. After the sixteenth clock cycle has completed, ML is set
to logic “1” to latch the data into the indexed mode control
register.
CONTROL INTERFACE TIMING REQUIREMENTS
See Figure 7 for a detailed timing diagram of the serial
control interface. These timing parameters are critical for
proper control port operation.
FIGURE 4. Audio Interface Timing.
SYMBOL
PARAMETER
MIN
MAX
UNITS
tBCY
BCK Pulse Cycle Time
32, 48, or 64fS(1)
tBCH
BCK High Level Time
35
ns
tBCL
BCK Low Level Time
35
ns
tBL
BCK Rising Edge to LRCK Edge
10
ns
tLB
LRCK Falling Edge to BCK Rising Edge
10
ns
tDS
DATA Set Up Time
10
ns
tDH
DATA Hold Time
10
ns
NOTE: (1) fS is the sampling frequency (e.g., 44.1kHz, 48kHz, 96kHz, etc.)
LRCK
BCK
DATA
50% of V
DD
50% of V
DD
50% of V
DD
t
BCH
t
BCL
t
LB
t
BL
t
DS
t
DH
t
BCY
IDX5
IDX6
0
IDX4
IDX2
IDX3
IDX1 IDX0
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Register Index (or Address)
Register Data
LSB
0
D7
D6D5
D4
D3D2
0
IDX6
D1
D0
X
XX
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0
ML
MC
MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com