Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1742E/2K.B Datasheet(PDF) 32 Page - Texas Instruments

Part # PCM1742E/2K.B
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1742E/2K.B Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM1742E/2K.B Datasheet HTML 28Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 29Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 30Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 31Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 32Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 33Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 34Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 35Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
PCM1742E
Active
Production
SSOP (DBQ) | 16
75 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM
1742E
PCM1742E.B
Active
Production
SSOP (DBQ) | 16
75 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM
1742E
PCM1742E/2K
Active
Production
SSOP (DBQ) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM
1742E
PCM1742E/2K.B
Active
Production
SSOP (DBQ) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM
1742E
PCM1742E/2KG4.B
Active
Production
SSOP (DBQ) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM
1742E
PCM1742KE
Active
Production
SSOP (DBQ) | 16
75 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM
1742KE
PCM1742KE.B
Active
Production
SSOP (DBQ) | 16
75 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM
1742KE
PCM1742KE/2K
Active
Production
SSOP (DBQ) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM
1742KE
PCM1742KE/2K.B
Active
Production
SSOP (DBQ) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM
1742KE
PCM1742KE/2KG4
Active
Production
SSOP (DBQ) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM
1742KE
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com