Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1742E/2K.B Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1742E/2K.B
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1742E/2K.B Datasheet(HTML) 1 Page - Texas Instruments

  PCM1742E/2K.B Datasheet HTML 1Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 2Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 3Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 4Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 5Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 6Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 7Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 8Page - Texas Instruments PCM1742E/2K.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
PCM1742
SBAS176A – DECEMBER 2000 – REVISED APRIL 2005
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,
Audio Digital-to-Analog Converter
•
AV Receivers
•
24-Bit Resolution
•
DVD Movie Players
•
Analog Performance (VCC = 5 V):
•
DVD Add-On Cards for High-End PCs
– Dynamic Range:
•
DVD Audio Players
• 106 dB, Typical (PCM1742KE)
•
HDTV Receivers
• 100 dB, Typical (PCM1742E)
•
Car Audio Systems
– SNR:
•
Other Applications Requiring 24-Bit Audio
• 106 dB, Typical (PCM1742KE)
• 100 dB, Typical (PCM1742E)
– THD+N:
The PCM1742 is a CMOS, monolithic, integrated
• 0.002%, Typical (PCM1742KE)
circuit which includes stereo digital-to-analog con-
verters (DACs) and support circuitry in a small
• 0.003%, Typical (PCM1742E)
SSOP-16 package. The data converters use Texas
– Full-Scale Output: 3.1 Vp-p, Typical
Instruments' enhanced multilevel delta-sigma archi-
•
4x/8x Oversampling Digital Filter:
tecture that employs fourth-order noise shaping and
Stop-Band Attenuation: –55 dB
8-level amplitude quantization to achieve excellent
Pass-Band Ripple: ±0.03 dB
dynamic performance and improved tolerance to
clock jitter. The PCM1742 accepts industry-standard
•
Sampling Frequency: 5 kHz to 200 kHz
audio data formats with 16- to 24-bit data, providing
•
System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
easy interfacing to audio DSP and decoder chips.
512 fS, 768 fS With Autodetect
Sampling rates up to 200 kHz are supported. A full
•
Accepts 16-, 18-, 20-, and 24-Bit Audio Data
set of user-programmable functions is accessible
through a 3-wire serial control port that supports
•
Data Formats: Standard, I
2S, and
register write functions.
Left-Justified
•
User-Programmable Mode Controls:
Digital Attenuation: 0 dB to –63 dB, 0.5
dB/Step
Digital De-Emphasis
Digital Filter Rolloff: Sharp or Slow
Soft Mute
Zero Flags for Each Output
•
Dual-Supply Operation: 5-V Analog, 3.3-V
Digital
•
5-V Tolerant Digital Inputs
•
Small SSOP-16 Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FilterPro is a trademark of Texas Instruments.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1742E/2K.B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1742E/2K BURR-BROWN-PCM1742E/2K Datasheet
322Kb / 20P
24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742E/2K TI-PCM1742E/2K Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742E/2KG4 TI-PCM1742E/2KG4 Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
More results

Similar Description - PCM1742E/2K.B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com