Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2906CDB Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM2906CDB
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906CDB Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM2906CDB Datasheet HTML 19Page - Texas Instruments PCM2906CDB Datasheet HTML 20Page - Texas Instruments PCM2906CDB Datasheet HTML 21Page - Texas Instruments PCM2906CDB Datasheet HTML 22Page - Texas Instruments PCM2906CDB Datasheet HTML 23Page - Texas Instruments PCM2906CDB Datasheet HTML 24Page - Texas Instruments PCM2906CDB Datasheet HTML 25Page - Texas Instruments PCM2906CDB Datasheet HTML 26Page - Texas Instruments PCM2906CDB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
D+/D–
V L
IN
V R
IN
1ms
SET_INTERFACE
AudioData
IN Token
AudioData
IN Token
AudioData
IN Token
SOF
SOF
SOF
SOF
SOF
T0259-01
5ms
D+/D–
SSPND
Idle
Active
Active
Suspend
T0057-02
PCM2906C
www.ti.com
SBFS037
– NOVEMBER 2011
Record Sequence
The PCM2906C starts audio capture into the internal memory after receiving the SET_INTERFACE command,
as shown in Figure 34.
Figure 34. Record Sequence
Suspend and Resume Sequence
The PCM2906C enters the suspend state after a constant idle state on the USB bus (approximately 5 ms), as
shown in Figure 35. While the PCM2906C enters the suspend state, the SSPND flag (pin 28) is asserted. The
PCM2906C wakes up immediately upon detecting a non-idle state on the USB.
Figure 35. Suspend and Resume Sequence
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCM2906C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com