Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2906CDB Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM2906CDB
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906CDB Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM2906CDB Datasheet HTML 9Page - Texas Instruments PCM2906CDB Datasheet HTML 10Page - Texas Instruments PCM2906CDB Datasheet HTML 11Page - Texas Instruments PCM2906CDB Datasheet HTML 12Page - Texas Instruments PCM2906CDB Datasheet HTML 13Page - Texas Instruments PCM2906CDB Datasheet HTML 14Page - Texas Instruments PCM2906CDB Datasheet HTML 15Page - Texas Instruments PCM2906CDB Datasheet HTML 16Page - Texas Instruments PCM2906CDB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
−160
−140
−120
−100
−80
−60
−40
−20
0
0
8
16
24
32
Frequency [y fS]
G016
Frequency [y fS]
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.0
0.2
0.4
0.6
0.8
1.0
G017
Frequency [y fS]
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.0
0.1
0.2
0.3
0.4
0.5
0.0
G018
Frequency [y fS]
−20
−16
−12
−8
−4
0
0.46
0.48
0.50
0.52
0.54
G019
PCM2906C
www.ti.com
SBFS037
– NOVEMBER 2011
TYPICAL CHARACTERISTICS: ADC DIGITAL DECIMATION FILTER FREQUENCY RESPONSE
All specifications at TA = +25°C, VBUS = 5 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted.
OVERALL CHARACTERISTICS
STOP-BAND ATTENUATION
Figure 16.
Figure 17.
PASSBAND RIPPLE
TRANSITION-BAND RESPONSE
Figure 18.
Figure 19.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM2906C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com