Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000E/2K.B Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM3000E/2K.B
Description  18-BIT STEREO AUDIO CODEC, SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3000E/2K.B Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM3000E/2K.B Datasheet HTML 13Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 14Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 15Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 16Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 17Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 18Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 19Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 20Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
www.ti.com
15 k
Ω
1 k
Ω
470 pF
9
10
VINL
VREFL
CINPL
CINNL
1
4
Delta-Sigma
Modulator
(+)
VREF
+
2.2
µF
4.7
µF
+
+
−
(−)
+
−
1 k
Ω
S0011-04
PCM AUDIO INTERFACE
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
Figure 17. Analog Front-End (Single-Channel)
The four-wire digital audio interface for the PCM3000/3001 is on LRCIN (pin 16), BCKIN (pin 17), DIN (pin 18),
and DOUT (pin 19). The PCM3000/3001 can operate with seven different data formats. For the PCM3000, these
formats are selected through program register 3 in the software mode. For the PCM3001, data formats are
selected by pin-strapping the three format pins. Figure 18, Figure 19, Figure 20 and Figure 21 illustrate the audio
data input/output format. Figure 22 shows the audio data input/output timing. The PCM3000/3001 can accept 32,
48, or 64 bit clocks (BCKIN) during one clock of LRCIN. Only formats 0, 2, and 6 can be selected when 32 bit
clocks/LRCIN are applied.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com