Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000E/2K.B Datasheet(PDF) 27 Page - Texas Instruments

Part # PCM3000E/2K.B
Description  18-BIT STEREO AUDIO CODEC, SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3000E/2K.B Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM3000E/2K.B Datasheet HTML 23Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 24Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 25Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 26Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 27Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 28Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 29Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 30Page - Texas Instruments PCM3000E/2K.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
www.ti.com
t(MCH)
ML
LSB
t(MCL)
t(MHH)
t(MCY)
t(MDH)
t(MDS)
MC
MD
t(MLS)
t(MLL)
t(MLH)
T0024-01
1.4 V
1.4 V
1.4 V
MAPPING OF PROGRAM REGISTERS
PROGRAM REGISTER (PCM3000)
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
MC pulse cycle time
t(MCY)
100 ns (min)
MC pulse duration, LOW
t(MCL)
40 ns (min)
MC pulse duration, HIGH
t(MCH)
40 ns (min)
MD setup time
t(MDS)
40 ns (min)
MD hold time
t(MDH)
40 ns (min)
ML low-level time
t(MLL)
40 ns + 1 SYSCLK(1) (min)
ML high-level time
t(MHH)
40 ns + 1 SYSCLK(1) (min)
ML setup time(2)
t(MLS)
40 ns (min)
ML hold time(3)
t(MLH)
40 ns (min)
SYSCLK (period): 1/256 fS or 1/384 fS or 1/512 fS
(1)
SYSCK: system clock cycle
(2)
ML rising edge to the next MC rising edge
(3)
MC rising edge for LSB-to-ML rising edge
Figure 30. Control Data Input Timing
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 0
res
res
res
res
res
A1
A0
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
REGISTER 1
res
res
res
res
res
A1
A0
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
REGISTER 2
res
res
res
res
res
A1
A0
PDWN
BYPS
res
ATC
IZD
OUT
DEM1 DEM0
MUT
REGISTER 3
res
res
res
res
res
A1
A0
res
res
res
LOP
FMT2
FMT1
FMT0
LRP
res
NOTE: res indicates a reserved bit, which should be set to 0.
The software mode allows the user to control special functions. The PCM3000 special functions are controlled
using four program registers which are each 16 bits long. There are four distinct registers, with bits 9 and 10
determining which register is in use. Table 3 describes the functions of the four registers.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com