Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5166 Datasheet(PDF) 20 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MIC5166 Datasheet HTML 16Page - Microchip Technology MIC5166 Datasheet HTML 17Page - Microchip Technology MIC5166 Datasheet HTML 18Page - Microchip Technology MIC5166 Datasheet HTML 19Page - Microchip Technology MIC5166 Datasheet HTML 20Page - Microchip Technology MIC5166 Datasheet HTML 21Page - Microchip Technology MIC5166 Datasheet HTML 22Page - Microchip Technology MIC5166 Datasheet HTML 23Page - Microchip Technology MIC5166 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
MIC5166
DS20006085B-page 20
 2018 - 2019 Microchip Technology Inc.
6.0
PCB LAYOUT GUIDELINES
To minimize EMI and output noise, follow these layout
recommendations.
PCB layout is critical to achieve reliable, stable, and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power,
signal, and return paths.
The following guidelines should be followed to ensure
proper operation of the MIC5166 converter.
6.1
IC
• The 10 µF ceramic capacitor, which is connected
to the VIN pin, must be located right at the IC. The
VDDQ pin is very noise sensitive and placement
of the capacitor is very critical. Use wide traces to
connect to the VDDQ and AGND pins.
• The signal ground pin (AGND) must be connected
directly to the ground planes. Do not route the
AGND pin to the PGND Pad on the top layer.
• Place the IC close to the point-of-load (POL).
• Use wide traces to route the input and output
power lines.
• Signal and power grounds should be kept
separate and connected at only one location.
6.2
Input Capacitor
• A 10 µF X5R or X7R dielectric ceramic capacitor
is recommended on each of the VIN pins for
bypassing.
• Place the input capacitors on the same side of the
board and as close to the IC as possible.
• Keep both the VIN pin and PGND connections
short.
• Place several vias to the ground plane close to
the input capacitor ground terminal.
• Use either X7R or X5R dielectric input capacitors.
Do not use Y5V or Z5U type capacitors.
• Do not replace the ceramic input capacitor with
any other type of capacitor. Any type of capacitor
can be placed in parallel with the input capacitor.
• If a Tantalum input capacitor is placed in parallel
with the input capacitor, it must be recommended
for switching regulator applications and the
operating voltage must be derated by 50%.
• In hot-plug applications, a Tantalum or Electrolytic
bypass capacitor must be used to limit the
overvoltage spike seen on the input supply with
power is suddenly applied.
6.3
Output Capacitor
• Use a wide trace to connect the output capacitor
ground terminal to the input capacitor ground
terminal.
• Phase margin will change as the output capacitor
value and ESR changes. Contact the factory if the
output capacitor is different from what is shown in
the BOM.
• The feedback divider network must be place close
to the IC with the bottom of R2 connected to
AGND.
• The feedback trace should be separate from the
power trace and connected as close as possible
to the output capacitor. Sensing a long high
current load trace can degrade the DC load
regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com