Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5166 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5166 Datasheet HTML 1Page - Microchip Technology MIC5166 Datasheet HTML 2Page - Microchip Technology MIC5166 Datasheet HTML 3Page - Microchip Technology MIC5166 Datasheet HTML 4Page - Microchip Technology MIC5166 Datasheet HTML 5Page - Microchip Technology MIC5166 Datasheet HTML 6Page - Microchip Technology MIC5166 Datasheet HTML 7Page - Microchip Technology MIC5166 Datasheet HTML 8Page - Microchip Technology MIC5166 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MIC5166
DS20006085B-page 4
 2018 - 2019 Microchip Technology Inc.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = 1.5V, VBIAS = 3.3V, VDDQ = 1.5V, TA = +25°C, unless noted. Bold values indicate
–40°C ≤ TJ ≤ +125°C. Note 1
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Input Supply
Input Voltage Range
VIN
0.9
—
3.6
V—
Undervoltage Lockout Trip
Level
—
0.625
0.8
0.9
VVIN rising
UVLO Hysteresis
—
—
150
—
mV
—
Quiescent Supply Current
IIN
—0.1
10
µA
IOUT = 0A
Shutdown Current
ISHDN
—0.1
5
µA
VEN = 0V
Bias Supply
Bias Voltage Range
VBIAS
2.5
—
5.5
V—
Undervoltage Lockout Trip
Level
—
1.9
2.23
2.33
VVBIAS rising
UVLO Hysteresis
—
—
70
—
mV
—
Quiescent Supply Current
IBIAS
—1.6
3
mA
IOUT = 1 mA
—1.6
3
IOUT = 1A
Shutdown Current
ISHDN
—0.1
5
µA
VEN = 0V
VTT Output
VTT Accuracy
—
–25
—
25
mV
Variation from VREF, IOUT = –2A to 2A
Load Regulation
—
—1.5
2.1
%
VSNS = 0.75V, IOUT = +10 mA to +3A
–1.8
–1.4
—
VSNS = 0.75V, IOUT = –10 mA to –3A
Line Regulation
—
–0.05
0.005
0.05
%/V
VIN = 1.5V to 3.6V, VBIAS = 5.5V, IOUT =
100 mA
–0.1
0.015
0.17
VIN = 1.5V, VBIAS = 2.5V to 5.5V, IOUT =
100 mA
VREF Output
VREF Voltage Accuracy
VREF
–1
—
1
%
Variation from (VDDQ/2),
IREF = –10 mA to 10 mA,
VREF Output = 0.6V (DDR4), IOUT = 0A.
Bias Supply Dropout Voltage
Dropout Voltage
(VBIAS – VTT)
VDO
—1.15—
V
IOUT = 100 mA
—1.25—
IOUT = 500 mA
—1.65
2.2
IOUT = 3A
Enable Control
EN Logic High Level
VIH
1.2
——
V
Logic high
EN Logic Low Level
VIL
——
0.2
Logic low
EN Current
IEN
—1.0
—
µA
VEN = 0.2V
—6.0
—
VEN = 1.2V
Start-Up Time
tSU
—55—
µs
From EN pin going high to VTT 90% of
VREF
Note 1: Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com