Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8143-CSL Datasheet(PDF) 4 Page - Analog Devices

Part # ADL8143-CSL
Description  8GHz to 14GHz, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8143-CSL Datasheet(HTML) 4 Page - Analog Devices

  ADL8143-CSL Datasheet HTML 1Page - Analog Devices ADL8143-CSL Datasheet HTML 2Page - Analog Devices ADL8143-CSL Datasheet HTML 3Page - Analog Devices ADL8143-CSL Datasheet HTML 4Page - Analog Devices ADL8143-CSL Datasheet HTML 5Page - Analog Devices ADL8143-CSL Datasheet HTML 6Page - Analog Devices ADL8143-CSL Datasheet HTML 7Page - Analog Devices ADL8143-CSL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
ADL8143-CSL
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 8
RADIATION TEST AND LIMIT SPECIFICATIONS
Electrical characteristics at VDD = 1.5V, IDQ = 35mA, RBIAS = 487Ω, and TCASE = 25°C, unless otherwise noted.
Table 4. Radiation Test and Limit Specifications
Parameter
Min
Typ
Max
Unit
FREQUENCY RANGE
10
14
GHz
GAIN
26.5
28.5
dB
OUTPUT
OP1dB
6.5
8.5
dBm
SUPPLY CURRENT
IDQ
35
mA
IDQ_AMP
33.2
mA
IRBIAS
1.8
mA
SUPPLY CURRENT
VDD
1.2
1.5
3.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com