Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8143-CSL Datasheet (PDF) - Analog Devices

ADL8143-CSL Datasheet PDF - Analog Devices
Part # ADL8143-CSL
Download  ADL8143-CSL Download
File Size   264.27 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8GHz to 14GHz, Low Noise Amplifier

ADL8143-CSL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8143-CSL Datasheet PDF - Analog Devices

Part # ADL8143-CSL
Download  ADL8143-CSL Click to download

File Size   264.27 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8GHz to 14GHz, Low Noise Amplifier

ADL8143-CSL Datasheet (HTML) - Analog Devices


ADL8143-CSL Product details

FEATURES
► Single positive supply: 1.5V and IDQ of 35mA nominal
► RBIAS drain current adjustment pin
► Gain: 28.5dB from 8GHz to 10GHz
► Noise figure: 1dB from 8GHz to 10GHz
► Extended operating temperature range: −55°C to +125°C
► Internally matched and AC-coupled
► RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP

APPLICATIONS
► Low Earth orbit (LEO) space payloads
► Satellite communications




Similar Part No. - ADL8143-CSL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8143-EVALZ AD-ADL8143-EVALZ Datasheet
1Mb / 17P
8 GHz to 14 GHz, Low Noise Amplifier
Rev. 0
More results


Similar Description - ADL8143-CSL

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
.5-8GHz MESFET Amplifier
logo
RF Micro Devices
NBB-402 RFMD-NBB-402 Datasheet
213Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400 RFMD-NBB-400 Datasheet
186Kb / 10P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_06 Datasheet
188Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
logo
Asahi Kasei Microsystem...
AK1548 AKM-AK1548 Datasheet
706Kb / 42P
8GHz Low Noise Integer-N Frequency Synthesizer
logo
RF Micro Devices
NBB-402 RFMD-NBB-402_13 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
Mini-Circuits
K1-GAT MINI-K1-GAT Datasheet
309Kb / 1P
DC to 8GHz
K2-GAT MINI-K2-GAT Datasheet
291Kb / 1P
DC to 8GHz
logo
Qorvo, Inc
NBB_402 QORVO-NBB_402 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
Renesas Technology Corp
F6923 RENESAS-F6923_V01 Datasheet
1Mb / 15P
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com