Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8140ACPZN-R7-CSL Datasheet(PDF) 4 Page - Analog Devices

Part # ADL8140ACPZN-R7-CSL
Description  10 GHz to 18 GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8140ACPZN-R7-CSL Datasheet(HTML) 4 Page - Analog Devices

  ADL8140ACPZN-R7-CSL Datasheet HTML 1Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 2Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 3Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 4Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 5Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 6Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 7Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
ADL8140-CSL
analog.com
Rev. 0 | 4 of 8
SPECIFICATIONS
15 GH
z TO 18 GHz FREQUENCY RANGE
VDD = 1.5 V, IDQ = 35 mA, RBIAS = 562 Ω, and TCASE = 25°C, unless otherwise noted.
Table 3. 15 GHz to 18 GHz Frequency Range Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
15
18
GHz
GAIN
26
28
dB
Gain Variation over Temperature
0.041
dB/°C
NOISE FIGURE
1.1
dB
RETURN LOSS
S11
13
dB
S22
10
dB
OUTPUT
OP1dB
6.5
8.5
dBm
PSAT
10.5
dBm
OIP3
21.5
dBm
Measurement taken at POUT per tone = −6 dBm
OIP2
27
dBm
Measurement taken at POUT per tone = −6 dBm
PAE
17.2
%
Measured at PSAT
DC SPECIFICATIONS
Table 4. DC Specifications
Parameter
Min
Typ
Max
Unit
SUPPLY CURRENT
IDQ
35
mA
Amplifier Current (IDQ_AMP)
33.3
mA
RBIAS Current (IR
BIAS)
1.7
mA
SUPPLY VOLTAGE
VDD
1.2
1.5
3.5
V
RADIATION TEST AND LIMIT SPECIFICATIONS
Electrical characteristics at VDD = 1.5 V, IDQ = 35 mA, RBIAS = 562 Ω, and TA = 25°C, unless otherwise noted.
Table 5. Radiation Test and Limit Specifications
Parameter
Min
Typ
Max
Unit
FREQUENCY RANGE
15
18
GHz
GAIN
26
28
dB
OUTPUT
OP1dB
6.5
8.5
dBm
SUPPLY CURRENT
IDQ
35
mA
IDQ_AMP
33.3
mA
IRBIAS
1.7
mA
SUPPLY VOLTAGE
VDD
1.2
1.5
3.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com